Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 152 page
background image
PAC Register
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
11111111
PBC, PCC Register
Bit
76543210
Name
¾
D6
D5
D4
D3
D2
D1
D0
R/W
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
¾
1111111
Bit 7
²¾² Unimplemented, read as ²0²
Bit 6~0
I/O Port bit 6 ~ bit 0 Input/Output Control
0: Output
1: Input
Port B NMOS Open Drain Control Register
Port B pins PB0~PB3 can be setup as open drain structures. This is implemented using the
ODE0~ODE3 bits in the MISC register.
MISC Register
Bit
76543210
Name
ODE3
ODE2
ODE1
ODE0
¾¾
PFDSEL
PFDEN
R/W
R/W
R/W
R/W
R/W
¾¾
R/W
R/W
POR
0000
¾¾
00
Bit 7
ODE3: PB3 Open Drain Control
0: disable
1: enable
Bit 6
ODE2: PB2 Open Drain Control
0: disable
1: enable
Bit 5
ODE1: PB1 Open Drain Control
0: disable
1: enable
Bit 4
ODE0: PB0 Open Drain Control
0: disable
1: enable
Bit 3~2
²¾² Unimplemented, read as ²0²
Bit 1~0
PFDSEL, PFDEN: PFD related control - described elsewhere
I/O Pin Structures
The accompanying diagram illustrates the internal structures of some generic I/O pin types. As the
exact logical construction of the I/O pin will differ from these drawings, they are supplied as a guide
only to assist with the functional understanding of the I/O pins. The wide range of pin-shared
structures does not permit all types to be shown.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
59
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com