Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 146 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 146 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 142Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 143Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 144Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 145Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 146Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 147Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 148Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 149Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 150Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 152 page
background image
Package Information
Note that the package information provided here is for consultation purposes only. As this information may be
updated at regular intervals users are reminded to consult the Holtek website
(http://www.holtek.com.tw/english/literature/package.pdf) for the latest version of the package
information.
16-pin NSOP (150mil) Outline Dimensions
MS-012
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.228
¾
0.244
B
0.150
¾
0.157
C
0.012
¾
0.020
C
¢
0.386
¾
0.402
D
¾¾
0.069
E
¾
0.050
¾
F
0.004
¾
0.010
G
0.016
¾
0.050
H
0.007
¾
0.010
a
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
5.79
¾
6.20
B
3.81
¾
3.99
C
0.30
¾
0.51
C
¢
9.80
¾
10.21
D
¾¾
1.75
E
¾
1.27
¾
F
0.10
¾
0.25
G
0.41
¾
1.27
H
0.18
¾
0.25
a
0
°¾
8
°
Rev. 1.20
146
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
1 6
1
9
8
a
A
B
C
D
E
F
G
H
C '



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com