Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 27 of 104
AIGAIN[23:0]
DSP
REFERENCE
HPFEN BIT
CONFIG3[0]
DIGITAL
INTEGRATOR
INTEN BIT
CONFIG[0]
TOTAL/FUNDAMENTAL
ACTIVE AND REACTIVE
POWER CALCULATION
CURRENT PEAK,
OVERCURRENT
DETECT
IAWV WAVEFORM
SAMPLE REGISTER
CURRENT RMS (IRMS)
CALCULATION
HPF
ADC
PGA1
IAP
ZX DETECTION
PGA1 BITS
GAIN[2:0]
×1, ×2, ×4, ×8, ×16
VIN
VIN
IAN
ANALOG INPUT RANGE
ANALOG OUTPUT RANGE
0x514791 =
+5,326,737
ZX SIGNAL
DATA RANGE
0V
0xAEB86F =
–5,326,737
0x5A7540 =
+5,928,256
CURRENT CHANNEL
DATA RANGE AFTER
INTEGRATION
0V
0xA58AC0 =
–5,928,256
0x514791 =
+5,326,737
CURRENT CHANNEL
DATA RANGE
0V
0xAEB86F =
–5,326,737
+0.5V/GAIN
–0.5V/GAIN
0V
LPF1
Figure 41. Current Channel Signal Path
NIGAIN[23:0]
DSP
REFERENCE
HPFEN BIT
CONFIG3[0]
DIGITAL
INTEGRATOR
ININTEN BIT
CONFIG3[3]
INWV WAVEFORM
SAMPLE REGISTER
CURRENT RMS (IRMS)
CALCULATION
HPF
ADC
PGA2
IAP
PGA2 BITS
GAIN[5:3]
×1, ×2, ×4, ×8, ×16
VIN
IAN
Figure 42. Neutral Current Signal Path
Current Waveform Gain Registers
There is a multiplier in the signal path of each phase and
neutral current. The current waveform can be changed by
±100% by writing a corresponding twos complement number to
the 24-bit signed current waveform gain registers (AIGAIN,
BIGAIN, CIGAIN, and NIGAIN). For example, if 0x400000 is
written to those registers, the ADC output is scaled up by 50%.
To scale the input by −50%, write 0xC00000 to the registers.
Equation 4 describes mathematically the function of the current
waveform gain registers.
Current Waveform =
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
23
2
1
Register
Gain
Current
of
Content
Output
ADC
(4)
Changing the content of the AIGAIN, BIGAIN, CIGAIN, or
INGAIN registers affects all calculations based on its current;
that is, it affects the corresponding phase active/reactive/
apparent energy and current rms calculation. In addition,
waveform samples scale accordingly.
Note that the serial ports of the ADE7880 work on 32-, 16-, or
8-bit words, and the DSP works on 28 bits. The 24-bit AIGAIN,
BIGAIN, CIGAIN, and NIGAIN registers are accessed as 32-bit
registers with the four most significant bits (MSBs) padded with
0s and sign extended to 28 bits. See Figure 43 for details.
31
28 27
24 23
0
24-BIT NUMBER
0000
BITS[27:24] ARE
EQUAL TO BIT 23
BIT 23 IS A SIGN BIT
Figure 43. 24-Bit xIGAIN Transmitted as 32-Bit Words
Current Channel HPF
The ADC outputs can contain a dc offset. This offset can create
errors in power and rms calculations. High-pass filters (HPFs)
are placed in the signal path of the phase and neutral currents
and of the phase voltages. If enabled, the HPF eliminates any dc
offset on the current channel. All filters are implemented in the
DSP and, by default, they are all enabled: Bit 0 (HPFEN) of the
CONFIG3[7:0] register is set to 1. All filters are disabled by
setting Bit 0 (HPFEN) to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com