Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 40 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 40 of 104
Table 12. Settling Time for I RMS Measurement
Integrator Status
50 Hz Input Signals
the integrator is enabled, that is, when Bit 0 (INTEN) in the
CONFIG register is set to 1, the equivalent rms value of a full-
scale sinusoidal signal at 50 Hz is 3,759,718 (0x395E66) and at
60 Hz is 3,133,207 (0x2FCF17).
60 Hz Input Signals
Integrator Off
580 ms
580 ms
Integrator On
700 ms
700 ms
The accuracy of the current rms is typically 0.1% error from
the full-scale input down to 1/1000 of the full-scale input when
PGA = 1. Additionally, this measurement has a bandwidth of
3.3 kHz. It is recommended to read the rms registers synchronous
to the voltage zero crossings to ensure stability. The IRQ1 inter-
rupt can be used to indicate when a zero crossing has occurred
(see the
section).
shows the settling time for
the I rms measurement, which is the time it takes for the rms
register to reflect the value at the input to the current channel
when starting from 0.
Interrupts
Table 12
As stated in the Current Waveform Gain Registers section, the
serial ports of the ADE7880 work on 32-, 16-, or 8-bit words.
Similar to the register presented in Figure 64, the AIRMS,
BIRMS, CIRMS, NIRMS 24-bit signed registers are accessed as
32-bit registers with the eight MSBs padded with 0s.
31
24
23
0
24-BIT NUMBER
0000
0000
Figure 64. 24-Bit AIRMS, BIRMS, CIRMS and NIRMS Registers Transmitted as
32-Bit Words
0xAEB86F =
–5,326,737
0x514791 =
5,326,737
0V
CURRENT SIGNAL FROM
HPF OR INTEGRATOR
(IF ENABLED)
LPF
x2
27
xIRMSOS[23:0]
xIRMS[23:0]
Figure 65. Current RMS Signal Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com