Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 22 of 104
Table 11. Recommended Actions When Changing Power Modes
Next Power Mode
Initial Power
Mode
Before Setting Next
Power Mode
PSM0
PSM1
PSM2
PSM3
Stop DSP by setting the
Run register = 0x0000
Current mean absolute
values (mav) computed
immediately
Disable HSDC by clearing
Bit 6 (HSDCEN) to 0 in the
CONFIG register
xIMAV registers can be
accessed immediately
Mask interrupts by setting
MASK0 = 0x0 and
MASK1 = 0x0
PSM0
Erase interrupt status flags
in the STATUS0 and STATUS1
registers
Wait until the IRQ0
or IRQ1 pin is
triggered
accordingly
No action
necessary
Wait until the IRQ1 pin
is triggered low
PSM1
No action necessary
Poll the STATUS1
register until Bit 15
(RSTDONE) is set to 1
Wait until the IRQ0
or IRQ1 pin is
triggered
accordingly
No action
necessary
Wait until the IRQ1 pin
is triggered low
Wait until the IRQ1 pin
triggered low
Poll the STATUS1
register until Bit 15
(RSTDONE) is set to 1
Current mean absolute
values compute at this
moment
PSM2
No action necessary
xIMAV registers may be
accessed from this
moment
No action
necessary
Wait until the IRQ1 pin
is triggered low
Wait until the IRQ1 pin is
triggered low
Poll the STATUS1
register until Bit 15
(RSTDONE) is set to 1
Current mav circuit
begins computations at
this time
PSM3
No action necessary
xIMAV registers can be
accessed from this
moment
Wait until the IRQ0
or IRQ1 pin is
triggered
accordingly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com