Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 14 of 104
0.5
–0.5
–0.3
–0.1
0.1
0.3
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
GAIN = +1
GAIN = +2
GAIN = +4
GAIN = +8
GAIN = +16
Figure 13. Fundamental Active Energy Error as Percentage of Reading over
Gain with Internal Reference and Integrator Off
0.5
–0.5
–0.3
–0.1
0.1
0.3
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
VDD = 2.97V
VDD = 3.30V
VDD = 3.63V
Figure 14. Fundamental Active Energy Error as Percentage of Reading
(Gain = +1) over Power Supply with Internal Reference and Integrator Off
0.5
–0.5
–0.3
–0.1
0.1
0.3
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
+25°C, PF = 1.0
–40°C, PF = 1.0
+85°C, PF = 1.0
Figure 15. Fundamental Active Energy Error as Percentage of Reading
(Gain = +1) over Temperature with Internal Reference and Integrator On
0.5
–0.5
–0.3
–0.1
0.1
0.3
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
+25°C, PF = 1.0
–40°C, PF = 1.0
+85°C, PF = 1.0
Figure 16. Fundamental Reactive Energy Error as Percentage of Reading
(Gain = +1, Power Factor = 0) over Temperature with Internal Reference and
Integrator Off
0.5
–0.5
–0.3
–0.1
0.1
0.3
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
GAIN = +1
GAIN = +2
GAIN = +4
GAIN = +8
GAIN = +16
Figure 17. Fundamental Reactive Energy Error as Percentage of Reading over
Gain with Internal Reference and Integrator Off
0.5
–0.5
–0.3
–0.1
0.1
0.3
45
47
49
51
53
55
57
59
61
63
65
LINE FREQUENCY (Hz)
PF = +1.0
PF = +0.5
PF = –0.5
Figure 18. Fundamental Reactive Energy Error as Percentage of Reading
(Gain = +1) over Frequency with Internal Reference and Integrator Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com