Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 31 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 31 of 104
POWER QUALITY MEASUREMENTS
Zero-Crossing Detection
The ADE7880 has a zero-crossing (ZX) detection circuit on the
phase current and voltage channels. The neutral current data
path does not contain a zero-crossing detection circuit. Zero-
crossing events are used as a time base for various power quality
measurements and in the calibration process.
The output of LPF1 is used to generate zero crossing events.
The low-pass filter is intended to eliminate all harmonics of
50 Hz and 60 Hz systems, and to help identify the zero-crossing
events on the fundamental components of both current and
voltage channels.
The digital filter has a pole at 80 Hz and is clocked at 256 kHz.
As a result, there is a phase lag between the analog input signal
(one of IA, IB, IC, VA, VB, and VC) and the output of LPF1.
The error in ZX detection is 0.0703° for 50 Hz systems (0.0843°
for 60 Hz systems). The phase lag response of LPF1 results in a
time delay of approximately 31.4° or 1.74 ms (at 50 Hz) between
its input and output. The overall delay between the zero crossing
on the analog inputs and ZX detection obtained after LPF1 is
about 39.6° or 2.2 ms (at 50 Hz). The ADC and HPF introduce
the additional delay. The LPF1 cannot be disabled to assure a
good resolution of the ZX detection. Figure 50 shows how the
zero-crossing signal is detected.
GAIN[23:0]
REFERENCE
HPFEN BIT
CONFIG3[0]
DSP
HPF
PGA
ADC
IA, IB, IC,
OR
VA, VB, VC
ZX
DETECTION
LPF1
IA, IB, IC, IN
OR
VA, VB, VC
39.6° OR 2.2ms @ 50Hz
1
0.855
0V
ZX
ZX
ZX
ZX
LPF1 OUTPUT
Figure 50. Zero-Crossing Detection on Voltage and Current Channels
To provide further protection from noise, input signals to the
voltage channel with amplitude lower than 10% of full scale do
not generate zero-crossing events at all. The Current Channel ZX
detection circuit is active for all input signals independent of their
amplitudes.
The ADE7880 contains six zero-crossing detection circuits, one
for each phase voltage and current channel. Each circuit drives
one flag in the STATUS1 register. If a circuit placed in the Phase
A voltage channel detects one zero-crossing event, Bit 9 (ZXVA)
in the STATUS1 register is set to 1.
Similarly, the Phase B voltage circuit drives Bit 10 (ZXVB), the
Phase C voltage circuit drives Bit 11 (ZXVC), and circuits placed
in the current channel drive Bit 12 (ZXIA), Bit 13 (ZXIB), and
Bit 14 (ZXIC) in the STATUS1 register. If a ZX detection bit is
set in the MASK1 register, the IRQ1 interrupt pin is driven low
and the corresponding status flag is set to 1. The status bit is
cleared and the IRQ1 pin is set to high by writing to the STATUS1
register with the status bit set to 1.
Zero-Crossing Timeout
Every zero-crossing detection circuit has an associated timeout
register. This register is loaded with the value written into the
16-bit ZXTOUT register and is decremented (1 LSB) every
62.5 μs (16 kHz clock). The register is reset to the ZXTOUT
value every time a zero crossing is detected. The default value of
this register is 0xFFFF. If the timeout register decrements to 0
before a zero crossing is detected, one of Bits[8:3] of the STATUS1
register is set to 1. Bit 3 (ZXTOVA), Bit 4 (ZXTOVB), and Bit 5
(ZXTOVC) in the STATUS1 register refer to Phase A, Phase B,
and Phase C of the voltage channel; Bit 6 (ZXTOIA), Bit 7
(ZXTOIB), and Bit 8 (ZXTOIC) in the STATUS1 register refer
to Phase A, Phase B, and Phase C of the current channel.
If a ZXTOIx or ZXTOVx bit is set in the MASK1 register, the
IRQ1 interrupt pin is driven low when the corresponding status bit
is set to 1. The status bit is cleared and the IRQ1 pin is returned to
high by writing to the STATUS1 register with the status bit set to 1.
The resolution of the ZXOUT register is 62.5 μs (16 kHz clock)
per LSB. Thus, the maximum timeout period for an interrupt is
4.096 sec: 216/16 kHz.
Figure 51 shows the mechanism of the zero-crossing timeout
detection when the voltage or the current signal stays at a fixed
dc level for more than 62.5 μs × ZXTOUT μs.
16-BIT INTERNAL
REGISTER VALUE
ZXTOUT
VOLTAGE
OR
CURRENT
SIGNAL
IRQ1 INTERRUPT PIN
ZXZOxy FLAG IN
STATUS1[31:0], x = V, A
y = A, B, C
0V
Figure 51. Zero-Crossing Timeout Detection
Phase Sequence Detection
The ADE7880 has on-chip phase sequence error detection
circuits. This detection works on phase voltages and considers
only the zero crossings determined by their negative-to-positive
transitions. The regular succession of these zero-crossing events is
Phase A followed by Phase B followed by Phase C (see Figure 53).
If the sequence of zero-crossing events is, instead, Phase A followed
by Phase C followed by Phase B, then Bit 19 (SEQERR) in the
STATUS1 register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com