Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 30 of 104
Voltage Waveform Gain Registers
There is a multiplier in the signal path of each phase voltage.
The voltage waveform can be changed by ±100% by writing
a corresponding twos complement number to the 24-bit signed
voltage waveform gain registers (AVGAIN, BVGAIN, and
CVGAIN). For example, if 0x400000 is written to those registers,
the ADC output is scaled up by 50%. To scale the input by −50%,
write 0xC00000 to the registers. Equation 5 describes mathe-
matically the function of the current waveform gain registers.
Voltage Waveform =
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
23
2
1
Register
Gain
Voltage
of
Content
Output
ADC
(5)
Changing the content of the AVGAIN, BVGAIN, and CVGAIN
registers affects all calculations based on its voltage; that is, it
affects the corresponding phase active/reactive/apparent energy
and voltage rms calculation. In addition, waveform samples are
scaled accordingly.
As stated in the Current Waveform Gain Registers section, the
serial ports of the ADE7880 work on 32-, 16-, or 8-bit words,
and the DSP works on 28 bits. As presented in Figure 43, the
AVGAIN, BVGAIN, and CVGAIN registers are accessed as
32-bit registers with four MSBs padded with 0s and sign
extended to 28 bits.
Voltage Channel HPF
As explained in the Current Channel HPF section, the ADC
outputs can contain a dc offset that can create errors in power
and rms calculations. HPFs are placed in the signal path of the
phase voltages, similar to the ones in the current channels. Bit 0
(HPFEN) of CONFIG3 register can enable or disable the filters.
See the Current Channel HPF section for more details.
Voltage Channel Sampling
The waveform samples of the voltage channel are taken at the
output of HPF and stored into VAWV, VBWV, and VCWV 24-
bit signed registers at a rate of 8 kSPS. All power and rms
calculations remain uninterrupted during this process. Bit 17
(DREADY) in the STATUS0 register is set when the VAWV,
VBWV, and VCWV registers are available to be read using the
I2C or SPI serial port. Setting Bit 17 (DREADY) in the MASK0
register enables an interrupt to be set when the DREADY flag is
set. See the Digital Signal Processor section for more details on
Bit DREADY.
As stated in the Current Waveform Gain Registers section, the
serial ports of the ADE7880 work on 32-, 16-, or 8-bit words.
Similar to registers presented in Figure 44, the VAWV, VBWV,
and VCWV 24-bit signed registers are transmitted sign
extended to 32 bits.
The ADE7880 contains an HSDC port especially designed to
provide fast access to the waveform sample registers. See the
HSDC Interface section for more details.
CHANGING PHASE VOLTAGE DATA PATH
The ADE7880 can direct one phase voltage input to the
computational data path of another phase. For example, Phase A
voltage can be introduced in the Phase B computational data path,
which means all powers computed by the ADE7880 in Phase B
are based on Phase A voltage and Phase B current.
Bits[9:8] (VTOIA[1:0]) of the CONFIG register manage the
Phase A voltage measured at the VAP pin. If VTOIA[1:0] = 00
(default value), the voltage is directed to the Phase A computa-
tional data path. If VTOIA[1:0] = 01, the voltage is directed to
the Phase B path. If VTOIA[1:0] = 10, the voltage is directed to the
Phase C path. If VTOIA[1:0] = 11, the ADE7880 behaves as if
VTOIA[1:0] = 00.
Bits[11:10] (VTOIB[1:0]) of the CONFIG register manage the
Phase B voltage measured at the VBP pin. If VTOIB[1:0] = 00
(default value), the voltage is directed to the Phase B computa-
tional data path. If VTOIB[1:0] = 01, the voltage is directed to
the Phase C path. If VTOIB[1:0] = 10, the voltage is directed to
the Phase A path. If VTOIB[1:0] = 11, the ADE7880 behaves
as if VTOIB[1:0] = 00.
Bits[13:12] (VTOIC[1:0]) of the CONFIG register manage the
Phase C voltage measured at the VCP pin. If VTOIC[1:0] = 00
(default value), the voltage is directed to Phase C computational
data path, if VTOIC[1:0] = 01, the voltage is directed to the
Phase A path. If VTOIC[1:0] = 10, the voltage is directed to the
Phase B path. If VTOIC[1:0] = 11, the ADE7880 behaves as if
VTOIC[1:0] = 00.
IA
VA
IB
VB
IC
VC
PHASE A
COMPUTATIONAL
DATAPATH
PHASE B
COMPUTATIONAL
DATAPATH
PHASE C
COMPUTATIONAL
DATAPATH
VTOIA[1:0] = 01,
PHASE A VOLTAGE
DIRECTED
TO PHASE B
VTOIB[1:0] = 01,
PHASE B VOLTAGE
DIRECTED
TO PHASE C
VTOIC[1:0] = 01,
PHASE C VOLTAGE
DIRECTED
TO PHASE A
CPHCAL
BPHCAL
APHCAL
Figure 49. Phase Voltages Used in Different Datapaths
Figure 49 presents the case in which the Phase A voltage is used
in the Phase B data path, the Phase B voltage is used in the Phase C
data path, and the Phase C voltage is used in the Phase A data path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com