Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 93 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 93 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 89Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 90Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 91Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 92Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 93Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 94Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 95Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 96Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 104 page
background image
Data Sheet
ADE7880
Rev. A| Page 93 of 104
Bit
Mnemonic
Default Value
Description
18
REVPSUM3
0
When this bit is set to 1, it enables an interrupt when the sum of all phase powers in
the CF3 data path changes sign.
19
HREADY
0
When this bit is set to 1, it enables an interrupt when the harmonic block output
registers have been updated. If Bit 1 (HRCFG) in HCONFIG register is cleared to 0, the
interrupt is triggered every time the harmonic calculations are updated at 8 kHz
rate. If Bit HRCFG is set to 1, the interrupt is triggered every time the harmonic
calculations are updated at 8 kHz rate starting 750 ms after the harmonic block
setup.
31:19
Reserved
00 0000 0000
0000
Reserved. These bits do not manage any functionality.
Table 39. MASK1 Register (Address 0xE50B)
Bit
Mnemonic
Default Value
Description
0
NLOAD
0
When this bit is set to 1, it enables an interrupt when at least one phase enters no
load condition determined by the total active power and VNOM based apparent
power.
1
FNLOAD
0
When this bit is set to 1, it enables an interrupt when at least one phase enters no
load condition based on fundamental active and reactive powers.
2
VANLOAD
0
When this bit is set to 1, it enables an interrupt when at least one phase enters no
load condition based on apparent power.
3
ZXTOVA
0
When this bit is set to 1, it enables an interrupt when a zero crossing on Phase A
voltage is missing.
4
ZXTOVB
0
When this bit is set to 1, it enables an interrupt when a zero crossing on Phase B
voltage is missing.
5
ZXTOVC
0
When this bit is set to 1, it enables an interrupt when a zero crossing on Phase C
voltage is missing.
6
ZXTOIA
0
When this bit is set to 1, it enables an interrupt when a zero crossing on Phase A
current is missing.
7
ZXTOIB
0
When this bit is set to 1, it enables an interrupt when a zero crossing on Phase B
current is missing.
8
ZXTOIC
0
When this bit is set to 1, it enables an interrupt when a zero crossing on Phase C
current is missing.
9
ZXVA
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on
Phase A voltage.
10
ZXVB
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on
Phase B voltage.
11
ZXVC
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on
Phase C voltage.
12
ZXIA
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on
Phase A current.
13
ZXIB
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on
Phase B current.
14
ZXIC
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on
Phase C current.
15
RSTDONE
0
Because the RSTDONE interrupt cannot be disabled, this bit does not have any
functionality attached. It can be set to 1 or cleared to 0 without having any effect.
16
SAG
0
When this bit is set to 1, it enables an interrupt when one of the phase voltages
entered or exited a sag state. The phase is indicated by Bits[14:12] (VSPHASE[x]) in
the PHSTATUS register (see Table 40).
17
OI
0
When this bit is set to 1, it enables an interrupt when an overcurrent event occurs
on one of the phases indicated by Bits[5:3] (OIPHASE[x]) in the PHSTATUS register
(see Table 40).
18
OV
0
When this bit is set to 1, it enables an interrupt when an overvoltage event occurs
on one of the phases indicated by Bits[11:9] (OVPHASE[x]) in the PHSTATUS register
(see Table 40).
19
SEQERR
0
When this bit is set to 1, it enables an interrupt when a negative-to-positive zero
crossing on Phase A voltage is not followed by a negative-to-positive zero crossing
on Phase B voltage, but by a negative-to-positive zero crossing on Phase C voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com