Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 77 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 77 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 73Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 74Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 75Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 76Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 77Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 78Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 79Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 80Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 77 of 104
1
0
15 14
SCLK
MOSI
MISO
10
31 30
1 0
0
0
0
000
REGISTER VALUE
REGISTER ADDRESS
SS
Figure 104. SPI Read Operation of a 32-Bit Register
0
SCLK
MOSI
MISO
0
0
0
0001
SS
REGISTER
ADDRESS
REGISTER 0
VALUE
31
0
REGISTER n
VALUE
31
0
Figure 105. SPI Read Operation of n 32-Bit Harmonic Calculations Registers
SPI Read Operation of Harmonic Calculations Registers
The registers containing the harmonic calculation results are
located starting at Address 0xE880 and are all 32-bit width.
They can be read in two ways: one register at a time (see the SPI
Read Operation section for details) or multiple consecutive
registers at a time in a burst mode. The burst mode initiates
when the master sets the SS/HSA pin low and begins sending
one byte, representing the address of the
, on the
MOSI line. The address is the same address byte used for
reading only one register. The master sets data on the MOSI line
starting with the first high-to-low transition of SCLK. The SPI
of the
samples data on the low-to-high transitions of
SCLK. Next, the master sends the 16-bit address of the first
harmonic calculations register that is read. After the
receives the last bit of the address of the register on a low-to-
high transition of SCLK, it begins to transmit its contents on the
MISO line when the next SCLK high-to-low transition occurs;
thus, the master can sample the data on a low-to-high SCLK
transition. After the master receives the last bit of the first
register, the
sends the harmonic calculations register
placed at the next location and so forth until the master sets the
ADE7880
ADE7880
ADE7880
ADE7880
SS and SCLK lines high and the communication ends. The data
lines, MOSI and MISO, go into a high impedance state. See
for details of the SPI read operation of harmonic
calculations registers.
Figure 105
SPI Write Operation
The write operation using the SPI interface of the ADE7880
initiates when the master sets the SS/HSA pin low and begins
sending one byte representing the address of the
on
the MOSI line. The master sets data on the MOSI line starting
with the first high-to-low transition of SCLK. The SPI of the
samples data on the low-to-high transitions of SCLK.
The most significant seven bits of the address byte can have any
value, but as a good programming practice, they should be
different from 0111000b, the seven bits used in the I2C protocol.
Bit 0 (read/
ADE7880
ADE7880
write) of the address byte must be 0 for a write
operation. Next, the master sends both the 16-bit address of the
register that is written and the 32-, 16-, or 8-bit value of that
register without losing any SCLK cycle. After the last bit is
transmitted, the master sets the SS and SCLK lines high at the
end of the SCLK cycle and the communication ends. The data
lines, MOSI and MISO, go into a high impedance state. See
for details of the SPI write operation.
Figure 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com