Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 87 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 87 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 83Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 84Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 85Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 86Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 87Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 88Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 89Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 90Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 87 of 104
Address
Register Name
R/W1
Bit
Length
Bit Length
During
Communication2
Type3
Default
Value4
Description
See Table 49.
0xE702
LCYCMODE
R/W
8
8
U
0x78
Line accumulation mode behavior.
See Table 51.
0xE703
PEAKCYC
R/W
8
8
U
0x00
Peak detection half line cycles.
0xE704
SAGCYC
R/W
8
8
U
0x00
SAG detection half line cycles.
0xE705
CFCYC
R/W
8
8
U
0x01
Number of CF pulses between two
consecutive energy latches. See the
Synchronizing Energy Registers with
CFx Outputs section.
0xE706
HSDC_CFG
R/W
8
8
U
0x00
HSDC configuration register. See Table 52.
0xE707
Version
R
8
8
U
Version of die.
0xE7FD
LAST_RWDATA8
R
8
8
U
N/A
Contains the data from the last
successful 8-bit register
communication.
0xE880
FVRMS
R
24
32
S
N/A
The rms value of the fundamental
component of the phase voltage.
0xE881
FIRMS
R
24
32
S
N/A
The rms value of the fundamental
component of the phase current
0xE882
FWATT
R
24
32
S
N/A
The active power of the fundamental
component.
0xE883
FVAR
R
24
32
S
N/A
The reactive power of the fundamental
component.
0xE884
FVA
R
24
32
S
N/A
The apparent power of the fundamental
component.
0xE885
FPF
R
24
32
S
N/A
The power factor of the fundamental
component.
0xE886
VTHD
R
24
32
S
N/A
Total harmonic distortion of the phase
voltage.
0xE887
ITHD
R
24
32
S
N/A
Total harmonic distortion of the phase
current.
0xE888
HXVRMS
R
24
32
S
N/A
The rms value of the phase voltage
harmonic X.
0xE889
HXIRMS
R
24
32
S
N/A
The rms value of the phase current
harmonic X.
0xE88A
HXWATT
R
24
32
S
N/A
The active power of the harmonic X.
0xE88B
HXVAR
R
24
32
S
N/A
The reactive power of the harmonic X.
0xE88C
HXVA
R
24
32
S
N/A
The apparent power of the harmonic X.
0xE88D
HXPF
R
24
32
S
N/A
The power factor of the harmonic X.
0xE88E
HXVHD
R
24
32
S
N/A
Harmonic distortion of the phase
voltage harmonic X relative to the
fundamental.
0xE88F
HXIHD
R
24
32
S
N/A
Harmonic distortion of the phase
current harmonic X relative to the
fundamental.
0xE890
HYVRMS
R
24
32
S
N/A
The rms value of the phase voltage
harmonic Y.
0xE891
HYIRMS
R
24
32
S
N/A
The rms value of the phase current
harmonic Y.
0xE892
HYWATT
R
24
32
S
N/A
The active power of the harmonic Y.
0xE893
HYVAR
R
24
32
S
N/A
The reactive power of the harmonic Y.
0xE894
HYVA
R
24
32
S
N/A
The apparent power of the harmonic Y.
0xE895
HYPF
R
24
32
S
N/A
The power factor of the harmonic Y.
0xE896
HYVHD
R
24
32
S
N/A
Harmonic distortion of the phase
voltage harmonic Y relative to the
fundamental.
0xE897
HYIHD
R
24
32
S
N/A
Harmonic distortion of the phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com