Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 67 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 67 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 63Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 64Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 65Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 66Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 67Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 68Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 69Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 70Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 67 of 104
The CFx pulse output is active low and preferably connected to
an LED, as shown in Figure 88.
VDD
CFx PIN
Figure 88. CFx Pin Recommended Connection
Bits[11:9] (CF3DIS, CF2DIS, and CF1DIS) of the CFMODE
register decide if the frequency converter output is generated at
the CF3, CF2, or CF1 pin. When Bit CFxDIS is set to 1 (the
default value), the CFx pin is disabled and the pin stays high.
When Bit CFxDIS is cleared to 0, the corresponding CFx pin
output generates an active low signal.
Bits[16:14] (CF3, CF2, CF1) in the Interrupt Mask register
MASK0 manage the CF3, CF2, and CF1 related interrupts.
When the CFx bits are set, whenever a high-to-low transition at
the corresponding frequency converter output occurs, an
interrupt IRQ0 is triggered and a status bit in the STATUS0
register is set to 1. The interrupt is available even if the CFx
output is not enabled by the CFxDIS bits in the CFMODE
register.
Synchronizing Energy Registers with CFx Outputs
The ADE7880 contains a feature that allows synchronizing the
content of phase energy accumulation registers with the
generation of a CFx pulse. When a high-to-low transition at one
frequency converter output occurs, the content of all internal
phase energy registers that relate to the power being output at
CFx pin is latched into hour registers and then resets to 0.
See Table 23 for the list of registers that are latched based on
the CFxSEL[2:0] bits in the CFMODE register. All 3-phase
registers are latched independent of the TERMSELx bits of the
COMPMODE register. The process is shown in Figure 89 for
CF1SEL[2:0] = 010 (apparent powers contribute at the CF1 pin)
and CFCYC = 2.
The CFCYC 8-bit unsigned register contains the number of
high to low transitions at the frequency converter output between
two consecutive latches. Avoid writing a new value into the
CFCYC register during a high-to-low transition at any CFx pin.
CFCYC = 2
AVAHR, BVAHR,
CVAHR LATCHED
ENERGY REGISTERS
RESET
AVAHR, BVAHR,
CVAHR LATCHED
ENERGY REGISTERS
RESET
CF1 PULSE
BASED ON
PHASE A AND
PHASE B
APPARENT
POWERS
Figure 89. Synchronizing AVAHR and BVAHR with CF1
Bits[14:12] (CF3LATCH, CF2LATCH, and CF1LATCH) of the
CFMODE register enable this process when set to 1. When
cleared to 0, the default state, no latch occurs. The process is
available even if the CFx output is not enabled by the CFxDIS
bits in the CFMODE register.
Energy Registers and CF Outputs for Various
Accumulation Modes
Bits[1:0] (WATTACC[1:0]) in the ACCMODE register deter-
mine the accumulation modes of the total and fundamental active
powers when signals proportional to the active powers are chosen
at the CFx pins (the CFxSEL[2:0] bits in the CFMODE register
equal 000 or 011). They also determine the accumulation modes
of the watt-hour energy registers (AWATTHR, BWATTHR,
CWATTHR, AFWATTHR, BFWATTHR and CFWATTHR).
When WATTACC[1:0] = 00 (the default value), the active powers
are sign accumulated in the watt-hour registers and before entering
the energy-to-frequency converter. Figure 90 shows how signed
active power accumulation works. In this mode, the CFx pulses
synchronize perfectly with the active energy accumulated in
xWATTHR registers because the powers are sign accumulated in
both data paths.
NEG
POS
POS
APNOLOAD
SIGN = POSITIVE
NEG
NO-LOAD
THRESHOLD
ACTIVE POWER
NO-LOAD
THRESHOLD
ACTIVE ENERGY
REVAPx BIT
IN STATUS0
xWSIGN BIT
IN PHSIGN
Figure 90. Active Power Signed Accumulation Mode
When WATTACC[1:0] = 01, the active powers are accumulated
in positive only mode. When the powers are negative, the watt-
hour energy registers are not accumulated. CFx pulses are
generated based on signed accumulation mode. In this mode,
the CFx pulses do not synchronize perfectly with the active
energy accumulated in xWATTHR registers because the powers are
accumulated differently in each data path. Figure 91 shows how
positive only active power accumulation works.
WATTACC[1:0] = 10 setting is reserved and the ADE7880
behaves identically to the case when WATTACC[1:0] = 00.
When WATTACC[1:0] = 11, the active powers are accumulated
in absolute mode. When the powers are negative, they change
sign and accumulate together with the positive power in the
watt-hour registers and before entering the energy-to-frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com