Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 86 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 86 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 82Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 83Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 84Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 85Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 86Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 87Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 88Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 89Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 86 of 104
Address
Register Name
R/W1
Bit
Length
Bit Length
During
Communication2
Type3
Default
Value4
Description
0xE50F
INWV
R
24
32 SE
S
N/A
Instantaneous value of neutral current.
0xE510
VAWV
R
24
32 SE
S
N/A
Instantaneous value of Phase A voltage.
0xE511
VBWV
R
24
32 SE
S
N/A
Instantaneous value of Phase B voltage.
0xE512
VCWV
R
24
32 SE
S
N/A
Instantaneous value of Phase C voltage.
0xE513
AWATT
R
24
32 SE
S
N/A
Instantaneous value of Phase A total
active power.
0xE514
BWATT
R
24
32 SE
S
N/A
Instantaneous value of Phase B total
active power.
0xE515
CWATT
R
24
32 SE
S
N/A
Instantaneous value of Phase C total
active power.
0xE516 to
0xE518
Reserved
R
24
32 SE
S
0x000000
0xE519
AVA
R
24
32 SE
S
N/A
Instantaneous value of Phase A
apparent power.
0xE51A
BVA
R
24
32 SE
S
N/A
Instantaneous value of Phase B
apparent power.
0xE51B
CVA
R
24
32 SE
S
N/A
Instantaneous value of Phase C
apparent power.
0xE51F
CHECKSUM
R
32
32
U
0xAFFA63B9
Checksum verification. See the
Checksum Register section for details.
0xE520
VNOM
R/W
24
32 ZP
S
0x000000
Nominal phase voltage rms used in the
alternative computation of the
apparent power.
0xE521 to
0xE5FE
Reserved
These addresses should not be written
for proper operation.
0xE5FF
LAST_RWDATA32
R
32
32
U
N/A
Contains the data from the last successful
32-bit register communication.
0xE600
PHSTATUS
R
16
16
U
N/A
Phase peak register. See Table 40.
0xE601
ANGLE0
R
16
16
U
N/A
Time Delay 0. See the Time Interval
Between Phases section for details.
0xE602
ANGLE1
R
16
16
U
N/A
Time Delay 1. See the Time Interval
Between Phases section for details.
0xE603
ANGLE2
R
16
16
U
N/A
Time Delay 2. See the Time Interval
Between Phases section for details.
0xE604 to
0xE607
Reserved
These address should not be written for
proper operation.
0xE608
PHNOLOAD
R
16
16
U
N/A
Phase no load register. See Table 41.
0xE609 to
0xE60B
Reserved
These address should not be written for
proper operation.
0xE60C
LINECYC
R/W
16
16
U
0xFFFF
Line cycle accumulation mode count.
0xE60D
ZXTOUT
R/W
16
16
U
0xFFFF
Zero-crossing timeout count.
0xE60E
COMPMODE
R/W
16
16
U
0x01FF
Computation-mode register. See Table 42.
0xE60F
Gain
R/W
16
16
U
0x0000
PGA gains at ADC inputs. See Table 43.
0xE610
CFMODE
R/W
16
16
U
0x0EA0
CFx configuration register. See Table 44.
0xE611
CF1DEN
R/W
16
16
U
0x0000
CF1 denominator.
0xE612
CF2DEN
R/W
16
16
U
0x0000
CF2 denominator.
0xE613
CF3DEN
R/W
16
16
U
0x0000
CF3 denominator.
0xE614
APHCAL
R/W
10
16 ZP
U
0x0000
Phase calibration of Phase A. See Table 45.
0xE615
BPHCAL
R/W
10
16 ZP
U
0x0000
Phase calibration of Phase B. See Table 45.
0xE616
CPHCAL
R/W
10
16 ZP
U
0x0000
Phase calibration Phase of C. See Table 45.
0xE617
PHSIGN
R
16
16
U
N/A
Power sign register. See Table 46.
0xE618
CONFIG
R/W
16
16
U
0x0002
ADE7880 configuration register.
See Table 47.
0xE700
MMODE
R/W
8
8
U
0x1C
Measurement mode register. See Table 48.
0xE701
ACCMODE
R/W
8
8
U
0x80
Accumulation mode register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com