Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 84 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 84 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 80Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 81Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 82Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 83Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 84Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 85Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 86Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 87Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 84 of 104
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type 3
Default Value
Description
0x43B0
HZWATTOS
R/W
24
32 ZPSE
S
0x000000
Active power offset adjust on harmonic Z
(see
Harmonics Calculations section for details).
0x43B1
HXVAROS
R/W
24
32 ZPSE
S
0x000000
Aactive power offset adjust on harmonic X
(see
Harmonics Calculations section for details).
0x43B2
HYVAROS
R/W
24
32 ZPSE
S
0x000000
Active power offset adjust on harmonic Y
(see
Harmonics Calculations section for details).
0x43B3
HZVAROS
R/W
24
32 ZPSE
S
0x000000
Aactive power offset adjust on harmonic Z
(see
Harmonics Calculations section for details).
0x43B4
HXIRMSOS
R/W
24
32 ZPSE
S
0x000000
Current rms offset on harmonic X
(see
Harmonics Calculations section for details).
0x43B5
HYIRMSOS
R/W
24
32 ZPSE
S
0x000000
Current rms offset on harmonic Y
(see
Harmonics Calculations section for details).
0x43B6
HZIRMSOS
R/W
24
32 ZPSE
S
0x000000
Current rms offset on harmonic Z
(see
Harmonics Calculations section for details).
0x43B7
HXVRMSOS
R/W
24
32 ZPSE
S
0x000000
Voltage rms offset on harmonic X
(see
Harmonics Calculations section for details).
0x43B8
HYVRMSOS
R/W
24
32 ZPSE
S
0x000000
Voltage rms offset on harmonic Y
(see
Harmonics Calculations section for details).
0x43B9
HZVRMSOS
R/W
24
32 ZPSE
S
0x000000
Voltage rms offset on harmonic Z
(see
Harmonics Calculations section for details).
0x43BA
to
0x43BF
Reserved
N/A
N/A
N/A
N/A
0x000000
These memory locations should not be written for
proper operation.
0x43C0
AIRMS
R
24
32 ZP
S
N/A
Phase A current rms value.
0x43C1
AVRMS
R
24
32 ZP
S
N/A
Phase A voltage rms value.
0x43C2
BIRMS
R
24
32 ZP
S
N/A
Phase B current rms value.
0x43C3
BVRMS
R
24
32 ZP
S
N/A
Phase B voltage rms value.
0x43C4
CIRMS
R
24
32 ZP
S
N/A
Phase C current rms value.
0x43C5
CVRMS
R
24
32 ZP
S
N/A
Phase C voltage rms value.
0x43C6
NIRMS
R
24
32 ZP
S
N/A
Neutral current rms value.
0x43C7
ISUM
R
24
32 ZP
S
N/A
Sum of IAWV, IBWV and ICWV registers.
0x43C8
to
0x43FF
Reserved
N/A
N/A
N/A
N/A
N/A
These memory locations should not be written for
proper operation.
1 R is read, and W is write.
2 32 ZPSE = 24-bit signed register that is transmitted as a 32-bit word with four MSBs padded with 0s and sign extended to 28 bits. Whereas 32 ZP = 28- bit or 24-bit
signed or unsigned register that is transmitted as a 32-bit word with four or eight MSBs, respectively, padded with 0s.
3 U is unsigned register, and S is signed register in twos complement format.
Table 31. Internal DSP Memory RAM Registers
Address
Register
Name
R/W1
Bit
Length
Bit Length
During
Communication
Type2
Default
Value
Description
0xE203
Reserved
R/W
16
16
U
0x0000
This memory location should not be written for
proper operation.
0xE228
Run
R/W
16
16
U
0x0000
Run register starts and stops the DSP. See the
Digital Signal Processor section for more details.
1 R is read, and W is write.
2 U is unsigned register, and S is signed register in twos complement format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com