Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 76 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 76 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 72Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 73Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 74Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 75Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 76Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 77Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 78Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 79Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 76 of 104
I2C Read Operation of Harmonic Calculations Registers
The registers containing the harmonic calculation results are
located starting at Address 0xE880 and are all 32-bit width.
They can be read in two ways: one register at a time (see the I2C
Read Operation section for details) or multiple consecutive
registers at a time in a burst mode. This burst mode is
accomplished in two stages. As seen in Figure 102, the first
stage sets the pointer to the address of the register and is
identical to the first stage executed when only one register is
read. The second stage reads the content of the registers. The
second stage begins with the master generating a new start
condition followed by an address byte equal to the address byte
used when one single register is read, 0x71. After this byte is
received, the ADE7880 generates an acknowledge. Then, the
ADE7880 sends the value of the first register located at the
pointer, and after every eight bits are received, the master
generates an acknowledge. All the bytes are sent with the most
significant bit first. After the bytes of the first register are sent, if
the master acknowledges the last byte, the ADE7880 increments
the pointer by one location to position it at the next register and
begins to send it out byte by byte, most significant bit first. If the
master acknowledges the last byte, the ADE7880 increments the
pointer again and begins to send data from the next register.
The process continues until the master ceases to generate an
acknowledge at the last byte of the register and then generates a
stop condition. It is recommended to not allow locations greater
then 0xE89F, the last location of the harmonic calculations
registers.
SPI-Compatible Interface
The SPI of the ADE7880 is always a slave of the communication
and consists of four pins (with dual functions): SCLK/SCL,
MOSI/SDA, MISO/HSD, and SS/HSA. The functions used in
the SPI-compatible interface are SCLK, MOSI, MISO, and SS.
The serial clock for a data transfer is applied at the SCLK logic
input. All data transfer operations synchronize to the serial
clock. Data shifts into the
at the MOSI logic input
on the falling edge of SCLK and the
samples it on
the rising edge of SCLK. Data shifts out of the
at
the MISO logic output on a falling edge of SCLK and can be
sampled by the master device on the raising edge of SCLK. The
most significant bit of the word is shifted in and out first. The
maximum serial clock frequency supported by this interface
is 2.5 MHz. MISO stays in high impedance when no data is
transmitted from the
. See
for details of the
connection between the
SPI and a master device
containing an SPI interface.
ADE7880
ADE7880
ADE7880
ADE7880
Figure 103
ADE7880
The SS logic input is the chip select input. This input is used
when multiple devices share the serial bus. Drive the SS input
low for the entire data transfer operation. Bringing SS high
during a data transfer operation aborts the transfer and places
the serial bus in a high impedance state. A new transfer can
then be initiated by returning the SS logic input to low.
However, because aborting a data transfer before completion
leaves the accessed register in a state that cannot be guaranteed,
every time a register is written, its value should be verified by
reading it back. The protocol is similar to the protocol used in
I2C interface.
MOSI
MISO
SCLK
ADE7880
MOSI
MISO
SCK
SPI DEVICE
SS
SS
Figure 103. Connecting ADE7880 SPI with an SPI Device
SPI Read Operation
The read operation using the SPI interface of the ADE7880
initiate when the master sets the SS/HSA pin low and begins
sending one byte, representing the address of the
, on
the MOSI line. The master sets data on the MOSI line starting
with the first high-to-low transition of SCLK. The SPI of the
samples data on the low-to-high transitions of SCLK.
The most significant seven bits of the address byte can have any
value, but as a good programming practice, they should be
different from 0111000b, the seven bits used in the I2C protocol.
Bit 0 (read/
ADE7880
ADE7880
write) of the address byte must be 1 for a read
operation. Next, the master sends the 16-bit address of the
register that is read. After the
receives the last bit of
address of the register on a low-to-high transition of SCLK, it
begins to transmit its contents on the MISO line when the next
SCLK high-to-low transition occurs; thus, the master can
sample the data on a low-to-high SCLK transition. After the
master receives the last bit, it sets the
ADE7880
SS and SCLK lines high
and the communication ends. The data lines, MOSI and MISO,
go into a high impedance state. See
for details of the
SPI read operation.
Figure 104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com