Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 45 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 45 of 104
Fundamental Active Power Calculation
The ADE7880 computes the fundamental active power using
a proprietary algorithm that requires some initializations function
of the frequency of the network and its nominal voltage measured
in the voltage channel. Bit 14 (SELFREQ) in the COMPMODE
register must be set according to the frequency of the network in
which the ADE7880 is connected. If the network frequency is
50 Hz, clear this bit to 0 (the default value). If the network fre-
quency is 60 Hz, set this bit to 1. In addition, initialize the VLEVEL
24-bit signed register with a positive value based on the
following equation:
6
10
4
×
×
=
n
FS
U
U
VLEVEL
(22)
where:
UFS is the rms value of the phase voltages when the ADC inputs
are at full scale.
Un is the rms nominal value of the phase voltage.
As stated in the Current Waveform Gain Registers section, the
serial ports of the ADE7880 work on 32-, 16-, or 8-bit words
and the DSP works on 28 bits. Similar to the registers presented
in Figure 43, the VLEVEL 24-bit signed register is accessed as a
32-bit register with four most significant bits padded with 0s
and sign extended to 28 bits.
Table 13 presents the settling time for the fundamental active
power measurement.
Table 13. Settling Time for Fundamental Active Power
Input Signals
63% PMAX
100% PMAX
375 ms
875 ms
Active Power Gain Calibration
Note that the average active power result from the LPF2 output
in each phase can be scaled by ±100% by writing to the phase’s
watt gain 24-bit register (APGAIN, BPGAIN, CPGAIN). The
xPGAIN registers are placed on data paths of all powers
computed by the ADE7880: total active powers, fundamental
active and reactive powers and apparent powers. This is possible
because all power data paths have identical overall gains.
Therefore, to compensate the gain errors in various powers data
paths it is sufficient to analyze only one power data path, for
example the total active power, calculate the correspondent
APGAIN, BPGAIN and CPGAIN registers and all the power
data paths are gain compensated.
The power gain registers are twos complement, signed registers
and have a resolution of 2−23/LSB. Equation 23 describes
mathematically the function of the power gain registers.
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
23
2
1
2
gister
Gain
Power
Output
LPF
Data
Power
Average
Re
(23)
The output is scaled by −50% by writing 0xC00000 to the watt
gain registers, and it is increased by +50% by writing 0x400000
to them. These registers are used to calibrate the active, reactive
and apparent power (or energy) calculation for each phase.
As stated in the Current Waveform Gain Registers section, the
serial ports of the ADE7880 work on 32-, 16-, or 8-bit words,
and the DSP works on 28 bits. Similar to registers presented in
Figure 43, the APGAIN, BPGAIN, and CPGAIN 24-bit signed
registers are accessed as 32-bit registers with the four MSBs
padded with 0s and sign extended to 28 bits.
Active Power Offset Calibration
The ADE7880 incorporates a watt offset 24-bit register on each
phase and on each active power. The AWATTOS, BWATTOS,
and CWATTOS registers compensate the offsets in the total
active power calculations, and the AFWATTOS, BFWATTOS,
and CFWATTOS registers compensate offsets in the fundamental
active power calculations. These are signed twos complement,
24-bit registers that are used to remove offsets in the active
power calculations. An offset can exist in the power calculation
due to crosstalk between channels on the PCB or in the chip
itself. One LSB in the active power offset register is equivalent
to 1 LSB in the active power multiplier output. With full-scale
current and voltage inputs, the LPF2 output is PMAX =
27,059,678. At −80 dB down from the full scale (active power
scaled down 104 times), one LSB of the active power offset
register represents 0.0369% of PMAX.
As stated in the Current Waveform Gain Registers section, the
serial ports of the ADE7880 work on 32-, 16-, or 8-bit words
and the DSP works on 28 bits. Similar to registers presented in
Figure 43, the AWATTOS, BWATTOS, CWATTOS, AFWATTOS,
BFWATTOS, and CFWATTOS 24-bit signed registers are
accessed as 32-bit registers with the four MSBs padded with
0s and sign extended to 28 bits.
Sign of Active Power Calculation
The average active power is a signed calculation. If the phase
difference between the current and voltage waveform is
more than 90°, the average power becomes negative. Negative
power indicates that energy is being injected back on the grid.
The ADE7880 has sign detection circuitry for active power
calculations. It can monitor the total active powers or the
fundamental active powers. As described in the Active Energy
Calculation section, the active energy accumulation is performed
in two stages. Every time a sign change is detected in the energy
accumulation at the end of the first stage, that is, after the energy
accumulated into the internal accumulator reaches the WTHR
register threshold, a dedicated interrupt is triggered. The sign of
each phase active power can be read in the PHSIGN register.
Bit 6 (REVAPSEL) in the ACCMODE register sets the type of
active power being monitored. When REVAPSEL is 0, the
default value, the total active power is monitored. When
REVAPSEL is 1, the fundamental active power is monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com