Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 55 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 55 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 55Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 56Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 57Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 58Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 55 of 104
by writing to the STATUS0 register with the corresponding bit
set to 1.
Setting Bit 6 (RSTREAD) of the LCYCMODE register enables a
read-with-reset for all xVAHR accumulation registers, that is,
the registers are reset to 0 after a read operation.
Integration Time Under Steady Load
The discrete time sample period for the accumulation register
is 976.5625 ns (1.024 MHz frequency). With full-scale pure
sinusoidal signals on the analog inputs, the average word value
representing the apparent power is PMAX. If the VATHR
threshold register is set at 3, its minimum recommended value,
the first stage accumulator generates a pulse that is added to the
xVAHR registers every
sec
531
.
14
10
024
.
1
2
3
6
27
μ
=
×
×
×
PMAX
The maximum value that can be stored in the xVAHR
accumulation register before it overflows is 231 − 1 or
0x7FFFFFFF. The integration time is calculated as
Time = 0x7FFFFFFF × 14.531 μs = 8 hr 40 min 6 sec
(46)
Energy Accumulation Mode
The apparent power accumulated in each accumulation register
depends on the configuration of Bits[5:4] (CONSEL[1:0]) in the
ACCMODE register. The various configurations are described
in Table 19.
Table 19. Inputs to VA-Hour Accumulation Registers
CONSEL[1:0]
AVAHR
BVAHR
CVAHR
00
AVRMS × AIRMS
BVRMS × BIRMS
CVRMS × CIRMS
01
AVRMS × AIRMS
BVRMS × BIRMS
VB = VA – VC1
CVRMS × CIRMS
10
AVRMS × AIRMS
BVRMS × BIRMS
CVRMS × CIRMS
VB = −VA − VC
11
AVRMS × AIRMS
BVRMS × BIRMS
CVRMS × CIRMS
VB = −VA
1 In a 3-phase three wire case (CONSEL[1:0] = 01), the ADE7880 computes the
rms value of the line voltage between Phase A and Phase C and stores the
result into the BVRMS register (see the Voltage RMS in 3-Phase Three Wire
Delta Configurations section). Consequently, the ADE7880 computes powers
associated with Phase B that do not have physical meaning. To avoid any
errors in the frequency output pins (CF1, CF2, or CF3) related to the powers
associated with Phase B, disable the contribution of phase B to the energy to
frequency converters by setting bits TERMSEL1[1] or TERMSEL2[1] or
TERMSEL3[1] to 0 in COMPMODE register (see the Energy-to-Frequency
Conversion section).
Line Cycle Apparent Energy Accumulation Mode
As described in the Line Cycle Active Energy Accumulation
Mode section, in line cycle energy accumulation mode, the
energy accumulation can be synchronized to the voltage channel
zero crossings allowing apparent energy to be accumulated over an
integral number of half line cycles. In this mode, the ADE7880
transfers the apparent energy accumulated in the 32-bit internal
accumulation registers into the xVAHR registers after an
integral number of line cycles, as shown in Figure 80. The
number of half line cycles is specified in the LINECYC register.
ZERO-
CROSSING
DETECTION
(PHASE A)
ZERO-
CROSSING
DETECTION
(PHASE B)
CALIBRATION
CONTROL
ZERO-
CROSSING
DETECTION
(PHASE C)
LINECYC[15:0]
ZXSEL[0] IN
LCYCMODE[7:0]
ZXSEL[1] IN
LCYCMODE[7:0]
ZXSEL[2] IN
LCYCMODE[7:0]
INTERNAL
ACCUMULATOR
THRESHOLD
APGAIN
VATHR
34
27 26
0
0
32-BIT REGISTER
AVAHR[31:0]
AIRMS
AVRMS
Figure 80. Line Cycle Apparent Energy Accumulation Mode
The line cycle apparent energy accumulation mode is activated
by setting Bit 2 (LVA) in the LCYCMODE register. The apparent
energy accumulated over an integer number of zero crossings is
written to the xVAHR accumulation registers after the number
of zero crossings specified in LINECYC register is detected. When
using the line cycle accumulation mode, set Bit 6 (RSTREAD) of
the LCYCMODE register to Logic 0 because a read with the reset of
xVAHR registers is not available in this mode.
Phase A, Phase B, and Phase C zero crossings are, respectively,
included when counting the number of half line cycles by setting
Bits[5:3] (ZXSEL[x]) in the LCYCMODE register. Any combi-
nation of the zero crossings from all three phases can be used
for counting the zero crossing. Select only one phase at a time
for inclusion in the zero-crossings count during calibration.
For details on setting the LINECYC register and Bit 5 (LENERGY)
in the MASK0 interrupt mask register associated with the line
cycle accumulation mode, see the Line Cycle Active Energy
Accumulation Mode section.
POWER FACTOR CALCULATION
The ADE7880 provides a direct power factor measurement
simultaneously on all phases. Power factor in an ac circuit is
defined as the ratio of the total active power flowing to the load
to the apparent power. The absolute power factor measurement
is defined in terms of leading or lagging referring to whether the
current is leading or lagging the voltage waveform. When the
current is leading the voltage, the load is capacitive and this is
defined as a negative power factor. When the current is lagging
the voltage, the load is inductive and this defined as a positive
power factor. The relationship of the current to the voltage
waveform is illustrated in Figure 81.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com