Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 16 of 104
6
–6
–4
–2
0
2
4
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 25. Harmonic I RMS Error as Percentage of Reading (Gain = +1),
51 Harmonics, 55 Hz Fundamental, 10 Averages per Reading, 750 ms
Settling Time, 125 μs Update Rate
6
–6
–4
–2
0
2
4
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 26. Harmonic Active Power Error as Percentage of Reading
(Gain = +1), 51 Harmonics, 55 Hz Fundamental, Single Reading,
750 ms Settling Time, 125 μs Update Rate
6
–6
–4
–2
0
2
4
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 27. Harmonic Active Power Error as Percentage of Reading
(Gain = +1), 51 Harmonics, 55 Hz Fundamental, 10 Averages per Reading,
750 ms Settling Time, 125 μs Update Rate
6
–6
–4
–2
0
2
4
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 28. Harmonic Reactive Power Error as Percentage of Reading
(Gain = +1), 51 Harmonics, 55 Hz Fundamental, Single Reading, 750 ms
Settling Time, 125 μs Update Rate
6
–6
–4
–2
0
2
4
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 29. Harmonic Reactive Power Error as Percentage of Reading
(Gain = +1), 51 Harmonics, 55 Hz Fundamental, 10 Averages per Reading,
750 ms Settling Time, 125 μs Update Rate
6
–6
–4
–2
0
2
4
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 30. Harmonic Apparent Power Error as Percentage of Reading
(Gain = +1), 51 Harmonics, 55 Hz Fundamental, Single Reading,
750 ms Settling Time, 125 μs Update Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com