Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 91 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 91 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 87Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 88Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 89Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 90Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 91Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 92Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 93Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 94Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
Data Sheet
ADE7880
Rev. A| Page 91 of 104
Table 37. STATUS1 Register (Address 0xE503)
Bit
Mnemonic
Default Value
Description
0
NLOAD
0
When this bit is set to 1, it indicates that at least one phase entered no load
condition determined by the total active power and apparent power. The phase is
indicated in Bits[2:0] (NLPHASE[x]) in the PHNOLOAD register (see Table 41.)
1
FNLOAD
0
When this bit is set to 1, it indicates that at least one phase entered no load
condition based on fundamental active and reactive powers. The phase is indicated
in Bits[5:3] (FNLPHASE[x]) in the PHNOLOAD register (see Table 41).
2
VANLOAD
0
When this bit is set to 1, it indicates that at least one phase entered no load
condition based on apparent power. The phase is indicated in Bits[8:6]
(VANLPHASE[x]) in the PHNOLOAD register (see Table 41).
3
ZXTOVA
0
When this bit is set to 1, it indicates a zero crossing on Phase A voltage is missing.
4
ZXTOVB
0
When this bit is set to 1, it indicates a zero crossing on Phase B voltage is missing.
5
ZXTOVC
0
When this bit is set to 1, it indicates a zero crossing on Phase C voltage is missing.
6
ZXTOIA
0
When this bit is set to 1, it indicates a zero crossing on Phase A current is missing.
7
ZXTOIB
0
When this bit is set to 1, it indicates a zero crossing on Phase B current is missing.
8
ZXTOIC
0
When this bit is set to 1, it indicates a zero crossing on Phase C current is missing.
9
ZXVA
0
When this bit is set to 1, it indicates a zero crossing has been detected on Phase A
voltage.
10
ZXVB
0
When this bit is set to 1, it indicates a zero crossing has been detected on Phase B
voltage.
11
ZXVC
0
When this bit is set to 1, it indicates a zero crossing has been detected on Phase C
voltage.
12
ZXIA
0
When this bit is set to 1, it indicates a zero crossing has been detected on Phase A
current.
13
ZXIB
0
When this bit is set to 1, it indicates a zero crossing has been detected on Phase B
current.
14
ZXIC
0
When this bit is set to 1, it indicates a zero crossing has been detected on Phase C
current.
15
RSTDONE
1
In case of a software reset command, Bit 7 (SWRST) is set to 1 in the CONFIG register,
or a transition from PSM1, PSM2, or PSM3 to PSM0, or a hardware reset, this bit is set
to 1 at the end of the transition process and after all registers changed value to
default. The IRQ1 pin goes low to signal this moment because this interrupt cannot
be disabled.
16
SAG
0
When this bit is set to 1, it indicates one of phase voltages entered or exited a sag
state. The phase is indicated by Bits[14:12] (VSPHASE[x]) in the PHSTATUS register
(see Table 40).
17
OI
0
When this bit is set to 1, it indicates an overcurrent event has occurred on one of the
phases indicated by Bits[5:3] (OIPHASE[x]) in the PHSTATUS register (see Table 40).
18
OV
0
When this bit is set to 1, it indicates an overvoltage event has occurred on one of the
phases indicated by Bits[11:9] (OVPHASE[x]) in the PHSTATUS register (see Table 40).
19
SEQERR
0
When this bit is set to 1, it indicates a negative-to-positive zero crossing on Phase A
voltage was not followed by a negative-to-positive zero crossing on Phase B voltage
but by a negative-to-positive zero crossing on Phase C voltage.
20
MISMTCH
0
When this bit is set to 1, it indicates
ISUMLVL
INWV
ISUM
>
−
, where
ISUMLVL is indicated in the ISUMLVL register.
21
Reserved
1
Reserved. This bit is always set to 1.
22
Reserved
0
Reserved. This bit is always set to 0.
23
PKI
0
When this bit is set to 1, it indicates that the period used to detect the peak value in
the current channel has ended. The IPEAK register contains the peak value and the
phase where the peak has been detected (see Table 34).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com