Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7880EBZ Datasheet(PDF) 37 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 37 of 104
Figure 63 illustrates how the phase compensation is used to
remove x = −1° phase lead in IA of the current channel from the
external current transducer (equivalent of 55.5 μs for 50 Hz
systems). To cancel the lead (1°) in the current channel of
Phase A, a phase lead must be introduced into the corresponding
voltage channel. Using Equation 8, APHCAL is 57 least
significant bits, rounded up from 56.8. The phase lead is
achieved by introducing a time delay of 55.73 μs into the Phase
A current.
−6.732° to +1.107° and the resolution is 0.0176° (360° × 50 Hz/
1.024 MHz).
Given a phase error of x degrees, measured using the phase
voltage as the reference, the corresponding LSBs are computed
dividing x by the phase resolution (0.0211°/LSB for 60 Hz and
0.0176°/LSB for 50 Hz). Results between −383 and +63 only are
acceptable; numbers outside this range are not accepted. If the
current leads the voltage, the result is negative and the absolute
value is written into the PHCAL registers. If the current lags the
voltage, the result is positive and 512 is added to the result
before writing it into xPHCAL.
APHCAL, BPHCAL, or CPHCAL
=
⎪
⎪
⎭
⎪
⎪
⎬
⎫
⎪
⎪
⎩
⎪
⎪
⎨
⎧
>
+
≤
0
,
512
_
0
,
_
x
resolution
phase
x
x
resolution
phase
x
(9)
As stated in the Current Waveform Gain Registers section, the
serial ports of the ADE7880 work on 32-, 16-, or 8-bit words. As
shown in Figure 62, APHCAL, BPHCAL, and CPHCAL 10-bit
registers are accessed as 16-bit registers with the six MSBs padded
with 0s.
0000 00
15
10 9
0
xPHCAL
Figure 62. xPHCAL Registers Communicated As 16-Bit Registers
PHASE
CALIBRATION
APHCAL = 57
ADC
PGA3
VAP
VA
VN
ADC
PGA1
IAP
IA
IAN
PHASE COMPENSATION
ACHIEVED DELAYING
IA BY 56µs
50Hz
1°
VA
IA
VA
IA
Figure 63. Phase Calibration on Voltage Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com