Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 9 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 9 Page - ams AG

Back Button AS3421 Datasheet HTML 5Page - ams AG AS3421 Datasheet HTML 6Page - ams AG AS3421 Datasheet HTML 7Page - ams AG AS3421 Datasheet HTML 8Page - ams AG AS3421 Datasheet HTML 9Page - ams AG AS3421 Datasheet HTML 10Page - ams AG AS3421 Datasheet HTML 11Page - ams AG AS3421 Datasheet HTML 12Page - ams AG AS3421 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
9 - 61
AS3421 AS3422
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
8 Typical Operating Characteristics
VBAT = +1.5V, C1=100nF, C2=10 F, C3=1 F, C6=100nF, C5=10 F, C13=10 F, C12=2.2 F, C14=2.2 F TA = +25ºC and HP_MUX_OTP set to ‘3’
unless otherwise specified.
Figure 4. THD+N vs. Pout; Line to HPH; 16
single ended stereo
Figure 5. THD+N vs. Pout; Line to HPH; 32
single ended stereo
0,01
0,1
1
10
1
10
100
Pout [mW]
1V
1.5V
1.8V
0,01
0,1
1
10
1
10
100
Pout [mW]
1V
1.5V
1.8V
Figure 6. THD+N vs. f; Line to HPH; 1mW load per channel
Figure 7. THD+N vs. f; Line to HPH; 10mW load per channel
0,0
0,5
1,0
1,5
0,001
0,01
0,1
1
10
100
1k
10k
f [Hz]
16 Ohm
32 Ohm
Pout
0
5
10
15
0,001
0,01
0,1
1
10
100
1k
10k
f [Hz]
16 Ohm
32 Ohm
Pout
Figure 8. THD+N vs. f; 20mW and 30mW per channel
Figure 9. Frequency Response 30mW@16
; Line to HPH
0
10
20
30
0,001
0,01
0,1
1
10
100
1k
10k
f [Hz]
THD+N 16 Ohm
THD+N 32 Ohm
Pout 16 Ohm
Pout 32 Ohm
-0,5
-0,4
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
10
100
1k
10k
f [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com