Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 37 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 37 Page - ams AG

Back Button AS3421 Datasheet HTML 33Page - ams AG AS3421 Datasheet HTML 34Page - ams AG AS3421 Datasheet HTML 35Page - ams AG AS3421 Datasheet HTML 36Page - ams AG AS3421 Datasheet HTML 37Page - ams AG AS3421 Datasheet HTML 38Page - ams AG AS3421 Datasheet HTML 39Page - ams AG AS3421 Datasheet HTML 40Page - ams AG AS3421 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
37 - 61
AS3421 AS3422
Datasheet - R e g i s t e r D e s c r i p t i o n
Table 27. ANC_L4 Register
Name
Base
Default
ANC_L4
2-wire serial
80h (OTP)
Offset: 14h
Left OTP Microphone Input Register (4th OTP option)
Configures the gain for the left microphone input. This is a special register, writing needs to be enabled by
writing 10b to Reg 3Fh first. This register is reset at POR and gets loaded with the OTP fuse contents.
Bit
Bit Name
Default
Access
Bit Description
7
TEST_BIT_7
1
R
for testing purpose only
6:0
MICL_VOL_OTP4
<6:0>
000 0000
R/W
Volume settings for left microphone input, adjustable in 127 steps of
0.375dB
00 0000: MUTE
00 0001: -11.25dB gain
00 0010: -10.875 dB gain
..
11 1110: 35.625dB gain
11 1111: 36 dB gain
Table 28. ANC_R4 Register
Name
Base
Default
ANC_R4
2-wire serial
00h (OTP)
Offset: 15h
Right OTP Microphone Input Register (4th OTP option)
Configures the gain for the left microphone input. This is a special register, writing needs to be enabled by
writing 10b to Reg 3Fh first. This register is reset at POR and gets loaded with the OTP fuse contents.
Bit
Bit Name
Default
Access
Bit Description
7
ALT3_LOCK
0
R/W
0: additional bits can be fused inside register 14h & 15h
1: OTP fusing for register 14h & 15h gets locked, no more changes can be
done.
6:0
MICR_VOL_OTP4
<6:0>
000 0000
R/W
Volume settings for right microphone input, adjustable in 127 steps of
0.375dB
00 0000: MUTE
00 0001: -11.25dB gain
00 0010: -10.875 dB gain
..
11 1110: 35.625dB gain
11 1111: 36 dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com