Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 40 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 40 Page - ams AG

Back Button AS3421 Datasheet HTML 36Page - ams AG AS3421 Datasheet HTML 37Page - ams AG AS3421 Datasheet HTML 38Page - ams AG AS3421 Datasheet HTML 39Page - ams AG AS3421 Datasheet HTML 40Page - ams AG AS3421 Datasheet HTML 41Page - ams AG AS3421 Datasheet HTML 42Page - ams AG AS3421 Datasheet HTML 43Page - ams AG AS3421 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
40 - 61
AS3421 AS3422
Datasheet - R e g i s t e r D e s c r i p t i o n
Table 33. MIC_MON Register
Name
Base
Default
MIC_MON
2-wire serial
00h (OTP)
Offset: 32h
OPT Microphone Monitor Mode Register
Configures the gain for the microphone input in monitor mode. This is a special register, writing needs to
be enabled by writing 10b to Reg 3Fh first. This register is reset at POR and gets loaded with the OTP
fuse contents.
Bit
Bit Name
Default
Access
Bit Description
7
MON_MODE
0
R/W
0: monitor mode is working with fixed microphone gain
1: monitor mode uses adjustable gain via the VOL pin
6:0
MIC_MON_OTP
<6:0>
000 0000
R/W
Volume settings for microphone input during monitor mode, adjustable in
127 steps of 0.375dB. If MON_MODE bit is set to 1 the gain can be further
adjusted via the VOL pin.
00 0000: MUTE
00 0001: -11.25dB gain
00 0010: -10.875 dB gain
..
11 1110: 35.625dB gain
11 1111: 36 dB gain
Table 34. AUDIO_SET Register
Name
Base
Default
AUDIO_SET
2-wire serial
00h (OTP)
Offset: 33h
OPT Audio Setting Register
Configures the audio settings. This is a special register, writing needs to be enabled by writing 10b to Reg
3Fh first. This register is reset at POR and gets loaded with the OTP fuse contents.
Bit
Bit Name
Default
Access
Bit Description
7
NO_PB_MODE
0
R/W
This bit defines if the low power music playback mode is enabled or not. In
case the bit is set to ‘0’, music playback mode can be entered by pulling the
ANC_CSDA pin low. In case the bit is set to ‘1’ the music playback mode is
disabled. Pulling the ANC_CSDA pin low has no influence.
0: Music playback mode enabled
1: Music playback mode disabled
6
VOL_BUTTON_MODE
0
R/W
If bit is set to ‘1’ the ANC_CSDA pin allows the user to control the line input
gain via push-buttons. If bit is set to ‘0’, the volume control is disabled.
Please mind that if VOL_BUTTON_MODE bit is set to ‘1’ entering music
playback mode via ANC_CSDA pin is not possible any more.
0: Volume mode via push-button disabled
1: Volume mode via push-button enabled
5
LINE_GAIN_+3dB_OTP
0
R/W
Selects the line input operating gain range. If this bit is set the gain range of
the line input amplifiers is shifted by +3dB.
0: Line Input gain range from -46.5dB...0dB
1: Line Input gain range from -43.5dB...+3dB
4
MIC_MODE_OTP
0
R/W
0: microphone input stage operating in single ended mode
1: normal operating in mono balanced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com