Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 17 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 17 Page - ams AG

Back Button AS3421 Datasheet HTML 13Page - ams AG AS3421 Datasheet HTML 14Page - ams AG AS3421 Datasheet HTML 15Page - ams AG AS3421 Datasheet HTML 16Page - ams AG AS3421 Datasheet HTML 17Page - ams AG AS3421 Datasheet HTML 18Page - ams AG AS3421 Datasheet HTML 19Page - ams AG AS3421 Datasheet HTML 20Page - ams AG AS3421 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
17 - 61
AS3421 AS3422
Datasheet - D e t a i l e d D e s c r i p t i o n
9.4.1
Parameter
VBAT=1.5V, TA= 25ºC, unless otherwise specified.
Table 7. Headphone Output Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RL_OP
Load Impedance
Single ended
1
k
CL_OP
Load Capacitance
Single ended
100
pF
GBWOP
Gain Band Width
4.3
MHz
VOS_OP
Offset Voltage
6
mV
VEIN_HP
Equivalent Input Noise
200Hz-20kHz
2.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com