Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 28 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 28 Page - ams AG

Back Button AS3421 Datasheet HTML 24Page - ams AG AS3421 Datasheet HTML 25Page - ams AG AS3421 Datasheet HTML 26Page - ams AG AS3421 Datasheet HTML 27Page - ams AG AS3421 Datasheet HTML 28Page - ams AG AS3421 Datasheet HTML 29Page - ams AG AS3421 Datasheet HTML 30Page - ams AG AS3421 Datasheet HTML 31Page - ams AG AS3421 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
10 Register Description
Table 15. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0
Audio Registers
00-07h
reserved
08h
MIC_L
MIC_MODE
0: StereoSingleEnd
1: MonoDiff
MICL_VOL<6:0>
Gain from MICL to QMICL or Mixer = MUTE, -11.25dB...+36dB; 127 steps of 0.375dB
09h
MIC_R
MIC_REG_ON
0: use reg 30h & 31h
1: use reg 08h & 09h
MICR_VOL<6:0>
Gain from MICR to QMICR or Mixer = MUTE, -11.25dB...+36dB; 127 steps of 0.375dB
0Ah
LINE_IN
LIN_REG_ON
0: use reg 33h and VOL pin
1: use reg 0Ah
LIN_GAIN_+3dB
0: 0dB max. Line Gain
1: +3dB max. Line Gain
LIN_VOL<5:0>
0: MUTE;
0x01..0x3F: Gain from LINR/L to QLINR/L or Mixer = -46.5dB...+0dB; 63 steps of 0.75dB with LIN_GAIN_+3dB bit set to ‘0’
0x01..0x3F: Gain from LINR/L to QLINR/L or Mixer = -43.5dB...+3dB; 63 steps of 0.75dB with LIN_GAIN_+3dB bit set to ‘1’
0Bh
GP_OP_L
HP_MUX<1:0>
0: MIC; 1: OP1;
2: OP2; 3: open
OP2L<3:0>
0: OP2L inverting mode;
0x1..0xF: OP2L non inverting mode gain = 0...10.5dB; 15 steps of 0.75dB
OP2L_ON
OP1L_ON
0Ch
GP_OP_R
OP_REG_ON
0: use reg 34h
1: use reg 0Bh & 0Ch
HP_MODE
0: StereoSingleEnd
1: MonoDiff
OP2R<3:0>
0: OP2R inverting mode;
0x1..0xF: OP2R non inverting mode gain = 0...10.5dB; 15 steps of 0.75dB
OP2R_ON
OP1R_ON
0Dh-0Fh
reserved
18h-1Fh
reserved
System Register
20h
SYSTEM
Design_Version<3:0> 1001
REG3F_ON
MONITOR_ON
CONT_PWRUP
PWR_HOLD
21h
PWR_SET
PWR_REG_ON
0: use reg 0x35
1: use reg 0x21h
HP_ON
MIC_ON
LIN_ON
MICS_CP_ON
MICS_ON
LOW_BAT
PWRUP_
COMPLETE
22h-2Fh
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com