Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 12 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 12 Page - ams AG

Back Button AS3421 Datasheet HTML 8Page - ams AG AS3421 Datasheet HTML 9Page - ams AG AS3421 Datasheet HTML 10Page - ams AG AS3421 Datasheet HTML 11Page - ams AG AS3421 Datasheet HTML 12Page - ams AG AS3421 Datasheet HTML 13Page - ams AG AS3421 Datasheet HTML 14Page - ams AG AS3421 Datasheet HTML 15Page - ams AG AS3421 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
12 - 61
AS3421 AS3422
Datasheet - D e t a i l e d D e s c r i p t i o n
9 Detailed Description
This section provides a detailed description of the device related components.
9.1 Audio Line Input
The chip features one line input. The blocks can work in mono differential or in stereo single ended mode.
In addition to the 12.5-25k
Ω input impedance, LineIn has a termination resistor of 10kΩ which is also effective during MUTE to charge
eventually given input capacitors.
9.1.1
Gain Stage
The Line In gain stage is designed to have 63 gain steps of 0.75dB with a max gain of 0dB plus MUTE per default. By setting the bit Line Gain
+3dB in register 0x33 the gain range can be changed from -46.5dB....0dB to -43.5dB ....+3dB.
In default, the gain will be ramped up from MUTE to 0dB during startup. There is a possibility to make the playback volume user controlled by the
VOL pin with an ADC converted VOL voltage or UP/DOWN buttons. If the device is configured to control the line input volume via push-buttons
the device ramps the gain from -46.5dB to 0dB if no button is pressed. If a user presses a button while ramping up the ramping mechanism will
be stopped automatically.
In monitor mode, the gain stage can be set to an fixed default attenuation level for reducing the loudness of the music. To avoid unwanted pop
noise in this special mode the internal state machine support very smooth gain fading to avoid unwanted acoustic effects.
Figure 17. Fully Differential Stereo Line Inputs
9.1.2
Parameter
VBAT=1.5V, TA= 25ºC, unless otherwise specified.
Table 4. Line Input Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VLIN
Input Signal Level
0.6*
VBAT
VBAT
VPEAK
RLIN
Input Impedance
0dB gain (12.5k // 10k)
5.6
k
-46.5dB gain (25k // 10k)
7.2
k
MUTE
10
k
∆RLIN
Input Impedance Tolerance
±30
%
CLIN
Input Capacitance
5
pF
ALIN
Programmable Gain
-46.5
+0
dB
Gain Steps
Discrete logarithmic gain steps
0.75
dB
Gain Step Accuracy
0.5
dB
ALINMUTE
Mute Attenuation
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com