Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 13 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 13 Page - ams AG

Back Button AS3421 Datasheet HTML 9Page - ams AG AS3421 Datasheet HTML 10Page - ams AG AS3421 Datasheet HTML 11Page - ams AG AS3421 Datasheet HTML 12Page - ams AG AS3421 Datasheet HTML 13Page - ams AG AS3421 Datasheet HTML 14Page - ams AG AS3421 Datasheet HTML 15Page - ams AG AS3421 Datasheet HTML 16Page - ams AG AS3421 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
13 - 61
AS3421 AS3422
Datasheet - D e t a i l e d D e s c r i p t i o n
9.2 Microphone Input
The AFE offers two microphone inputs and one low noise microphone voltage supply (microphone bias). The inputs can be switched to single
ended or differential mode.
Figure 18. Microphone Input
9.2.1
Gain Stage & Limiter
The Mic Gain Stage has programmable Gain within -11.25dB…+36dB in 128 steps of 0.375dB.
As soft-start function is implemented for an automatic gain ramping implemented with steps of 4ms to fade in the audio at the end of the start-up
sequence.
A limiter automatically attenuates high input signals. The AGC has 127 steps with 0.375dB with a dynamic range of the full gain stage. In some
design it is necessary to switch of the AGC functionality. This can be done in register 0x17 by setting bit ‘1’.
In monitor mode, the gain stage can be set to an fixed (normally higher) gain level or be controlled by the VOL pin.
9.2.2
Microphone Supply
The MICS charge pump is providing a proper microphone supply voltage for low supply voltage supply. The integrated microphone supply
supports basically 3 different modes.
The first mode, also called SWITCH-MODE, for 1.8V supply is to have a direct connection with an integrated switch from VBAT to MICS. The
microphone supply pin of AS3421/22 is in this mode directly connected to VBAT. For some applications a 1.8V microphone supply is high
enough to operate a microphone properly. This mode is more commonly used in devices with a fixed power supply like in Bluetooth headsets.
The internal microphone charge pump is switched off in this mode. This can help also reducing the external filter capacitors for the microphone
supply. Please mind that the sensitivity of your microphone can be reduced in this mode.
ALIN
Gain Ramp Rate
Button Mode, Tinit=400ms
80
ms/step
Monitor Mode
8
VATTACK
Limiter Activation Level
HPL/R start of neg. clipping
VPEAK
VDECAY
Limiter Release Level
HPL/R
VNEG
+0.3
VPEAK
tATTACK
Limiter Attack Time
4
s
tDECAY
Limiter Decay Time
8
ms
Table 4. Line Input Parameter (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
AGND
MICL
stereo mode
MICR
QMICR
QMICL
mono differential mode
AGND
MICL
MICR
QMICR
QMICL
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com