Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 20 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 20 Page - ams AG

Back Button AS3421 Datasheet HTML 16Page - ams AG AS3421 Datasheet HTML 17Page - ams AG AS3421 Datasheet HTML 18Page - ams AG AS3421 Datasheet HTML 19Page - ams AG AS3421 Datasheet HTML 20Page - ams AG AS3421 Datasheet HTML 21Page - ams AG AS3421 Datasheet HTML 22Page - ams AG AS3421 Datasheet HTML 23Page - ams AG AS3421 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
20 - 61
AS3421 AS3422
Datasheet - D e t a i l e d D e s c r i p t i o n
9.5.4
ANC_CSDA Switching
For Bluetooth applications it is sometimes a requirement to switch off the ANC function while listening to music or having a phone call. Because
the fully differential audio outputs of the Bluetooth chip are directly connected to the line input of the AS3421/22 it is not possible to simply switch
off the ANC chip to do music playback without ANC.In order to avoid an expensive bypass path with mechanical or electrical switches the
AS3421/22 features a special low power audio playback mode. In this mode the device enters a low power mode where the ANC function is
disabled and the blocks which are not necessary in this mode are automatically switched off to safe system power. This audio playback mode
can be entered by simply pulling the ANC_SCDA pin to low.
Figure 24. ANC / CSDA Switching
An example how to implement this feature is shown in Figure 24. In default operation (ANC enabled) the ANC_CSDA pin is pulled high. If the
device should enter the low power playback mode the pin is pulled low with the switch S1. Once the pin is pulled low the device enters after
200ms the playback mode. As long as the pin is low the device stays in the playback only mode. If the feature is for some reason not required it
can also be disabled by setting the bit NO_PB_MODE_OTP in register 0x33. Once this bit is set to ‘1’ the status of pin ANC_CSDA has no
influence on the device any more.
Besides the low power playback mode the ANC_CSDA pin supports also volume control via push buttons. In order to enable this feature the
corresponding bit VOL_BUTTON_MODE_OTP is register 0x33 has to be set to ‘1’. Once this bit is set, the device can not support the low power
playback mode via ANC_CSDA pin any more. An example on how to connect the push buttons for volume control is shown in Figure 24 with the
push buttons S2 and S3.
Table 11. ANC_CSDA Operation Modes
NO_PB_MODE_OTP
Bit
VOL_BUTTON_MODE_OTP
Bit
ANC_CSDA
Pin
Description
0
0
high
Normal ANC operation
0
0
high -> low
Device enters low power playback mode
0
0
low -> high
Device returns to normal ANC operation
1
0
X
Normal ANC operation. No influence on operation via
ANC_CSDA pin.
X
1
high
Volume Control Mode via Button - Volume up
X
1
High Imp.
Volume Control Mode via Button - No Volume change
X
1
low
Volume Control Mode via Button - Volume down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com