Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 14 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 14 Page - ams AG

Back Button AS3421 Datasheet HTML 10Page - ams AG AS3421 Datasheet HTML 11Page - ams AG AS3421 Datasheet HTML 12Page - ams AG AS3421 Datasheet HTML 13Page - ams AG AS3421 Datasheet HTML 14Page - ams AG AS3421 Datasheet HTML 15Page - ams AG AS3421 Datasheet HTML 16Page - ams AG AS3421 Datasheet HTML 17Page - ams AG AS3421 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
14 - 61
AS3421 AS3422
Datasheet - D e t a i l e d D e s c r i p t i o n
The second mode, with the name CHAREGPUMP_MODE, is the most commonly used mode which is per default enabled. In this mode the
internal charge pump is enabled. The charge pump doubles the supply voltage of AS3421/22 with a high output impedance of the charge pump
in order to make external passive filters more effective. If doubling the supply voltage is not enough the microphone supply can be switched to a
special regulated mode which increases the output voltage but with a little bit higher output noise. This setting can be found in register 0x35.
The third mode is the OFF MODE. This mode allows the user to switch of the microphone supply if not needed (e.g. playback without ANC)
9.2.3
Parameter
VBAT=1.5V, TA= 25ºC unless otherwise specified.
Table 5. Microphone Input Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VMICIN0
Input Signal Level
AMIC = 24dB
40
mVP
VMICIN1
AMIC = 30dB
20
mVP
VMICIN2
AMIC = 36dB
10
mVP
RMICIN
Input Impedance
MICP to AGND
7.5
k
MICIN
Input Impedance Tolerance
-7
+33
%
CMICIN
Input Capacitance
5
pF
AMIC
Programmable Gain
-11.25
+36
dB
Gain Steps
Discrete logarithmic gain steps
0.375
dB
Gain Step Precision
0.15
dB
AMIC
Gain Ramp Rate
Tinit=64ms
4
ms/step
VATTACK
Limiter Activation Level
VPEAK related to VBAT or VNEG
0.67
1
VDECAY
Limiter Release Level
0.4
1
AMICLIMIT
Limiter Gain Overdrive
127 @ 0.375dB
36
dB
tATTACK
Limiter Attack Time
5
s/step
tDECAY-DEB
Limiter Decay Debouncing Time
64
ms
tDECAY
Limiter Decay Time
4
ms/step
VMICS
Microphone Output Voltage
no output load
2.7
V
IMICS
Microphone Supply Current
no output load
30
A
ROUT_CP
CP Output Resistance
400 A load
900
IMIC_MIN
Microphone Output Current
Recommended minimum microphone output
current @ Vbat = 1.5V
170
A
Recommended minimum microphone output
current @ Vbat = 1.8V
300
A
IMIC_MAX
Microphone Output Current
Recommended maximum microphone output
current @Vbat = 1.5V
500
A
Recommended maximum microphone output
current @Vbat = 1.8V
700
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com