Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 18 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 18 Page - ams AG

Back Button AS3421 Datasheet HTML 14Page - ams AG AS3421 Datasheet HTML 15Page - ams AG AS3421 Datasheet HTML 16Page - ams AG AS3421 Datasheet HTML 17Page - ams AG AS3421 Datasheet HTML 18Page - ams AG AS3421 Datasheet HTML 19Page - ams AG AS3421 Datasheet HTML 20Page - ams AG AS3421 Datasheet HTML 21Page - ams AG AS3421 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
18 - 61
AS3421 AS3422
Datasheet - D e t a i l e d D e s c r i p t i o n
9.5 SYSTEM
The system block handles the power up and power down sequencing, as well as, the mode switching.
9.5.1
Power Up/Down Conditions
The chip powers up when one of the following conditions is true:
The chip automatically shuts off if one of the following conditions arises:
9.5.2
Start-up Sequence
The start-up sequence depends on the used mode.
In stand-alone mode the sequence runs automatically, in I2C mode(I2C MODE bit has to be pre-trimmed) the sequence runs till a defined state
and waits then for an I2C command. Either the automatic sequence is started by setting the CONT_PWRUP bit in addition to the PWR_HOLD
bit. If only the PWR_HOLD is set all enable bits for headphone, microphone, etc have to be set manually.
Figure 22. Stand-Alone Mode Start-Up Sequence
Table 8. Power UP Conditions
#
Source
Description
1
MODE_CSCL pin
In stand-alone mode, MODE pin has to be driven high to turn on the device
2
I2C start
In I2C mode, a I2C start condition turns on the device
Table 9. Power DOWN Conditions
#
Source
Description
1
MODE pin
Power down by driving MODE_CSCL pin to low
2
SERIF
Power down by SERIF writing 0h to register 20h bit <0>
3
Low Battery
Power down if VBAT is lower than the supervisor off-threshold
4
VNEG CP OVC
Power down if VNEG is higher than the VNEG off-threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com