Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 33 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 33 Page - ams AG

Back Button AS3421 Datasheet HTML 29Page - ams AG AS3421 Datasheet HTML 30Page - ams AG AS3421 Datasheet HTML 31Page - ams AG AS3421 Datasheet HTML 32Page - ams AG AS3421 Datasheet HTML 33Page - ams AG AS3421 Datasheet HTML 34Page - ams AG AS3421 Datasheet HTML 35Page - ams AG AS3421 Datasheet HTML 36Page - ams AG AS3421 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
33 - 61
AS3421 AS3422
Datasheet - R e g i s t e r D e s c r i p t i o n
Table 21. SYSTEM Register
Name
Base
Default
SYSTEM
2-wire serial
31h
Offset: 20h
SYSTEM Register
This register is reset at a POR.
Bit
Bit Name
Default
Access
Bit Description
7:4
Design_Version<3:0>
1001
R
AFE number to identify the design version
1001: for chip version 1v1
3
TESTREG_ON
0
R/W
0: normal operation
1: enables writing to test register 3Eh & 3Fh to configure the OTP and set
the access mode.
2
MONITOR_ON
0
R/W
Enables the monitor mode
0: normal operation
1: monitor mode enabled
1
CONT_PWRUP
0
R/W
Continues the automatic power-up sequence when using the I2C mode
0: chip stops the power-up sequence after the supplies are stable,
switching on individual blocks has to be done via I2C commands
1: automatic power-up sequence is continued
0
PWR_HOLD
1
R/W
0: power up hold is cleared and AFE will power down
1: is automatically set to on after power on
Table 22. PWR_SET Register
Name
Base
Default
PWR_SET
2-wire serial
0x11 1111b (stand alone mode)
0x00 0000b (I2C mode)
Offset: 21h
Power Setting Register
Please be aware that writing to this register will enable/disable the corresponding blocks,
while reading gets the actual status. It is not possible to read back e.g ILED settings. This
register is reset at POR.
Bit
Bit Name
Default
Access
Bit Description
7
PWR_REG_ON
0
R/W
Defines which register is used for the power settings.
0: all blocks stay on as defined in the start-up sequence
1: register 21h is used
6
LOW_BAT
x
R
VBAT supervisor status
0: VBAT is above brown out level
1: BVDD has reached brown out level
5
PWRUP_COMPLETE
x
R
Power-Up sequencer status
0: power-up sequence incomplete
1: power-up sequence completed
4
HP_ON
0
W
0: switches HP stage off
1: switches HP stage on
x
R
0: HP stage not powered
1: normal operation
3
MIC_ON
0
W
0: switches microphone stage off
1: switches microphone stage on
x
R
0: microphone stage not powered
1: normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com