Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 34 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 34 Page - ams AG

Back Button AS3421 Datasheet HTML 30Page - ams AG AS3421 Datasheet HTML 31Page - ams AG AS3421 Datasheet HTML 32Page - ams AG AS3421 Datasheet HTML 33Page - ams AG AS3421 Datasheet HTML 34Page - ams AG AS3421 Datasheet HTML 35Page - ams AG AS3421 Datasheet HTML 36Page - ams AG AS3421 Datasheet HTML 37Page - ams AG AS3421 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
34 - 61
AS3421 AS3422
Datasheet - R e g i s t e r D e s c r i p t i o n
2
LIN_ON
0
W
0: switches line input stage off
1: switches line input stage on
x
R
0: line input stage not powered
1: normal operation
1
MICS_CP_ON
0
W
0: switches microphone supply charge pump off
1: switches microphone supply charge pump on
x
R
0: microphone supply charge pump not powered
1: normal operation
0
MICS_ON
0
W
0: switches microphone supply off
1: switches microphone supply on
x
R
0: microphone supply not enabled
1: normal operation
Table 22. PWR_SET Register
Name
Base
Default
PWR_SET
2-wire serial
0x11 1111b (stand alone mode)
0x00 0000b (I2C mode)
Offset: 21h
Power Setting Register
Please be aware that writing to this register will enable/disable the corresponding blocks,
while reading gets the actual status. It is not possible to read back e.g ILED settings. This
register is reset at POR.
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com