Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 10 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 10 Page - ams AG

Back Button AS3421 Datasheet HTML 6Page - ams AG AS3421 Datasheet HTML 7Page - ams AG AS3421 Datasheet HTML 8Page - ams AG AS3421 Datasheet HTML 9Page - ams AG AS3421 Datasheet HTML 10Page - ams AG AS3421 Datasheet HTML 11Page - ams AG AS3421 Datasheet HTML 12Page - ams AG AS3421 Datasheet HTML 13Page - ams AG AS3421 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
10 - 61
AS3421 AS3422
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 10. Frequency Response 20mW@32
; Line to HPH
Figure 11. Microphone Supply FFT
-0,5
-0,4
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
10
100
1k
10k
f [Hz]
-160
-140
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
f [Hz]
Figure 12. VNEG CP Voltage vs. CP load current with different
VBAT supply voltages
Figure 13. VNEG Efficiency vs.IVNEG with different VBAT supply
voltages
-2
-1,5
-1
-0,5
0
0
25
50
75
100
125
150
175
200
I
VNEG [mA]
1.8V
1.5V
1.0V
-2
-1,5
-1
-0,5
0
0
25
50
75
100
125
150
175
200
I
VNEG [mA]
1.8V
1.5V
1.0V
Figure 14. VMIC_OUT vs. IMIC_OUT
0
0,5
1
1,5
2
2,5
3
3,5
4
0
200
400
600
800
I
MIC_OUT [µA]
VBAT = 1.8V
VBAT = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com