Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 21 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 21 Page - ams AG

Back Button AS3421 Datasheet HTML 17Page - ams AG AS3421 Datasheet HTML 18Page - ams AG AS3421 Datasheet HTML 19Page - ams AG AS3421 Datasheet HTML 20Page - ams AG AS3421 Datasheet HTML 21Page - ams AG AS3421 Datasheet HTML 22Page - ams AG AS3421 Datasheet HTML 23Page - ams AG AS3421 Datasheet HTML 24Page - ams AG AS3421 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
21 - 61
AS3421 AS3422
Datasheet - D e t a i l e d D e s c r i p t i o n
9.6 VNEG Charge Pump
The VNEG charge pump uses one external 1uF capacitor to generate a negative supply voltage out of the battery input voltage to supply all
audio related blocks. This allows a true-ground headphone output with no more need of external dc-decoupling capacitors.
9.6.1
Parameter
VBAT=1.5V, TA= 25ºC, unless otherwise specified.
9.7 OTP Memory & Internal Registers
The OTP memory consists of OTP register and the OTP fuses.The OTP register can be written as often as wanted but will lose the content on
power off. The OTP fuses are intended to store basic chip configurations as well as the microphone gain settings to optimize the ANC
performance and get rid of sensitivity variations of different microphones. Burning the fuses can only be done once and is a permanent change,
which means the fuses keep the content even if the chip is powered down. This AS3421/22 offers 4 register set for storing the microphone gain
making it possible to change the gain 3 times for re-calibration or other purposes.
When the chip is controlled by a microcontroller via I2C, the OTP memory don’t has to be used. The chip configuration can be stored in the flash
memory of the Bluetooth- or wireless chipset.
9.7.1
Register & OTP Memory Configuration
Figure 25 is showing the principal register interaction.
Figure 25. Register Access
Registers 0x8, 0x9, 0xA, 0xB, 0xC and 0x21 have only effect when the corresponding “REG_ON” bit is set, otherwise the chip operates with the
OTP Register settings which are loaded from the OTP fuses at every start-up.
All registers settings can be changed several times, but will loose the content on power off. When using the I2C mode, the chip configuration has
to be loaded from the micro controller after every start-up. In stand alone mode the OTP fuses have to be programmed for a permanent change
of the chip configuration.
A single OTP cell can be programmed only once. Per default, the cell is “0”; a programmed cell will contain a “1”. While it is not possible to reset
a programmed bit from “1” to “0”, multiple OTP writes are possible, but only additional unprogrammed “0”-bits can be programmed to “1”.
Independent of the OTP programming, it is possible to overwrite the OTP register temporarily with an OTP write command at any time. This
setting will be cleared and overwritten with the hard programmed OTP settings at each power-up sequence or by a LOAD operation.
Table 12. Headphone Output Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input voltage
VBAT
1.0
1.5
1.8
V
VOUT
Output voltage
VNEG
-0.7
-1.5
-1.8
V
CEXT
External flying capacitor
1
F
OTP Register
10h...16h; 30h...35h
OTP
Fuses
BURN
LOAD
Register
0x8,0x9,0xA
0xB, 0xC, 0x21
OTP WRITE
OTP READ
normal I2C write
normal I2C read
Register
8h...21h
OTP path is default
but can be switched
by register setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com