Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 22 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 22 Page - ams AG

Back Button AS3421 Datasheet HTML 18Page - ams AG AS3421 Datasheet HTML 19Page - ams AG AS3421 Datasheet HTML 20Page - ams AG AS3421 Datasheet HTML 21Page - ams AG AS3421 Datasheet HTML 22Page - ams AG AS3421 Datasheet HTML 23Page - ams AG AS3421 Datasheet HTML 24Page - ams AG AS3421 Datasheet HTML 25Page - ams AG AS3421 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
22 - 61
AS3421 AS3422
Datasheet - D e t a i l e d D e s c r i p t i o n
The OTP memory can be accessed in the following ways:
LOAD Operation. The LOAD operation reads the OTP fuses and loads the contents into the OTP register. A LOAD operation is automatically
executed after each power-on-reset.
WRITE Operation. The WRITE operation allows a temporary modification of the OTP register. It does not program the OTP. This operation
can be invoked multiple times and will remain set while the chip is supplied with power and while the OTP register is not modified with another
WRITE or LOAD operation.
READ Operation. The READ operation reads the contents of the OTP register, for example to verify a WRITE command or to read the OTP
memory after a LOAD command.
BURN Operation. The BURN operation programs the contents of the OTP register permanently into the OTP fuses. Don’t use old or nearly
empty batteries for burning the fuses.
Attention: If you once burn the OTP_LOCK bit, no further programming, e.g. setting additional “0” to “1”, of the OTP can be done.
For production, the OTP_LOCK bit must be set to avoid an unwanted change of the OTP content during the lifetime of the product.
9.7.2
OTP Fuse Burning
As many wireless applications like Bluetooth single chip solutions support programmable solutions as well as ROM versions it is in ROM
versions necessary to store microphone gain compensation data and the general ANC configuration inside the ANC chip because there is not
other way to configure the ANC chip during startup. In order to guaranty successful trimming of AS3421/22 it is necessary to provide a decent
environment for the trimming process. In Figure 26 a principal block diagram is shown for trimming the AS3421/22 properly in production.
Figure 26. Block Diagram for Production Environment
The most
important block is the external power supply. Usually it is possible to trim the AS3421/22 with a single supply voltage of min. 1.7V in
laboratory environment but as soon as it comes to mass production we highly recommend buffering also VNEG supply of the chip. As highlighted
in the block diagram it is mandatory to get a voltage difference between VPOS and VNEG of min. 3.4V to guaranty proper trimming of the device.
no current sink capability, therefore it is possible to buffer it external with a negative power supply. The VNEG
voltage applied to VNEG pin must be
lower than the voltage created with the charge pump. This means if the typical VNEG output voltage is -1.5V you can easily apply externally -
1.7V. The charge pump switches then automatically into skip mode.
Important for applying an external buffer and switching on the ANC device is the timing in order to avoid latch up on the ANC device. The timing
diagram in Figure 2 shows clearly that it is important that there is a certain delay between VBAT and
the MODE /CSCL pin necessary. This delay is
mandatory in order to guaranty that the device starts up properly. In case AS350x is used the delay between VBAT and MODE/CSCL is not
necessary. The MODE /CSCL pin powers the ANC device up and the whole sequence to power up the internal charge pump of AS34x0 and
AS350x takes approximately 1ms. Once VNEG is settled the external VNEG buffer (e.g. power supply) can be enabled in order to support the
charge pump especially during the trim process which can now be started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com