Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 6 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 6 Page - ams AG

Back Button AS3421 Datasheet HTML 2Page - ams AG AS3421 Datasheet HTML 3Page - ams AG AS3421 Datasheet HTML 4Page - ams AG AS3421 Datasheet HTML 5Page - ams AG AS3421 Datasheet HTML 6Page - ams AG AS3421 Datasheet HTML 7Page - ams AG AS3421 Datasheet HTML 8Page - ams AG AS3421 Datasheet HTML 9Page - ams AG AS3421 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
6 - 61
AS3421 AS3422
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
6 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 7 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. The device should be operated under recommended operating
conditions.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Reference Ground
Defined as in GND
Supply terminals
-0.5
2.0
V
Applicable for pin VBAT, HPVDD
Ground terminals
-0.5
0.5
V
Applicable for pins AGND
Negative terminals
-2.0
0.5
V
Applicable for pins VNEG, VSS, HPVSS
Voltage difference at VSS terminals
-0.5
0.5
V
Applicable for pins VSS, HPVSS
Pins with protection to VBAT
VNEG
-0.5
5.0
VBAT+0.5
V
Applicable for pins CPP, CPN
Pins with protection to HPVDD
VSS
-0.5
5.0
HPVDD+0.5
V
Applicable for pins LINL_P/N, LINR_P/N, MICL/
R, HPR, HPL, QMICL/R, QLINL/R, IOPx, QOPx
other pins
VSS
-0.5
5
Applicable for pins MICS, ANC_CSDA,
MODE_CSCL
Input Current (latch-up immunity)
-100
100
mA
Norm: JEDEC 17
Continuous Power Dissipation (TA = +70ºC)
Continuous Power Dissipation
-
200
mW
PT
1
for QFN16/24/32 package
1. Depending on actual PCB layout and PCB used
Electrostatic Discharge
Electrostatic Discharge HBM
+/-2
kV
Norm: JEDEC JESD22-A114C
Temperature Ranges and Storage Conditions
Junction Temperature
+110
ºC
Storage Temperature Range
-55
+125
ºC
Humidity non-condensing
5
85
%
Moisture Sensitive Level
3
Represents a max. floor life time of 168h
Package Body Temperature
260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020“Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State
Surface Mount Devices”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com