Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 41 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 41 Page - ams AG

Back Button AS3421 Datasheet HTML 37Page - ams AG AS3421 Datasheet HTML 38Page - ams AG AS3421 Datasheet HTML 39Page - ams AG AS3421 Datasheet HTML 40Page - ams AG AS3421 Datasheet HTML 41Page - ams AG AS3421 Datasheet HTML 42Page - ams AG AS3421 Datasheet HTML 43Page - ams AG AS3421 Datasheet HTML 44Page - ams AG AS3421 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
41 - 61
AS3421 AS3422
Datasheet - R e g i s t e r D e s c r i p t i o n
3
HP_MODE_OTP
0
R/W
0: headphone stage operating in single ended mode
1: normal operating in mono balanced
2:0
LIN_MON_ATTEN
<6:0>
000
R/W
Volume settings for line input during monitor mode, adjustable in 7 steps of
6dB and mute.
000: 0dB gain
001: -6dB gain
..
110: -36dB gain
111: MUTE
Table 34. AUDIO_SET Register
Name
Base
Default
AUDIO_SET
2-wire serial
00h (OTP)
Offset: 33h
OPT Audio Setting Register
Configures the audio settings. This is a special register, writing needs to be enabled by writing 10b to Reg
3Fh first. This register is reset at POR and gets loaded with the OTP fuse contents.
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com