Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3421 Datasheet(PDF) 1 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 1 Page - ams AG

  AS3421 Datasheet HTML 1Page - ams AG AS3421 Datasheet HTML 2Page - ams AG AS3421 Datasheet HTML 3Page - ams AG AS3421 Datasheet HTML 4Page - ams AG AS3421 Datasheet HTML 5Page - ams AG AS3421 Datasheet HTML 6Page - ams AG AS3421 Datasheet HTML 7Page - ams AG AS3421 Datasheet HTML 8Page - ams AG AS3421 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
A S 3 4 2 1 A S 3 4 2 2
L o w P o w e r A m b i e n t N o i s e - C a n c e l l i n g S p e a k e r D r i v e r
www.austriamicrosystems.com
Revision 0.90
1 - 61
D a t a s h e e t
1 General Description
The AS3421/22 are speaker driver with Ambient Noise Cancelling
function for headsets, headphones or ear pieces. It is intended to
improve quality of e.g. music listening, a phone conversation etc. by
reducing background ambient noise.
The fully analog implementation allows the lowest power
consumption, lowest system BOM cost and most natural received
voice enhancement otherwise difficult to achieve with DSP
implementations. The device is designed to be easily applied to
existing architectures.
An internal OTP-ROM can be optionally used to store the
microphone gain calibration settings as well as all application
specific settings.
The AS3421/22 can be used in different configurations for best
trade-off of noise cancellation, required filtering functions and
mechanical designs.
The simpler feed-forward topology is used to effectively reduce
frequencies typically up to 2-3kHz. The feed-back topology with
either 1 or 2 filtering stages has it strengths especially at very low
frequencies. The typical bandwidth for feedback system is from 20Hz
up to 1kHz which is a little bit lower than with feed forward systems.
The filter loop for both systems is determined by measurements, for
each specific headset individually, and depends very much on
mechanical designs. The gain and phase compensation filter
network is implemented with cheap resistors and capacitors for
lowest system costs.
AS3421/22 features also an audio playback only mode which allows
the user to easily switch between ANC on and off mode. In ANC off
mode unused blocks are automatically switch off to guaranty lowest
power consumption in each operating mode.
2 Key Features
Microphone Input
128 gain steps @ 0.375dB and MUTE with AGC
Differential, low noise microphone amplifier
Single ended or differential mode
Improved supply for electret microphone
MIC gain OTP programmable
High Efficiency Headphone Amplifier
2x23mW, 0.1% THD+N @ 32
Ω, 1.5V supply,
100dB SNR
Bridged mode for e.g. 300
Ω loads
Click and pop less start-up and mode switching
Line Input
Volume control via serial interface or push buttons
64 steps @ 0.75dB and MUTE, pop-free gain setting
Fully differential stereo line inputs
ANC processing
Feed-forward cancellation
Feed-back cancellation with filter loop transfer function
definable via simple RC components
Simple in production SW calibration
12-30dB noise reduction (headset dependent)
10-3000Hz wide frequency active noise attenuation (headset
dependent)
Monitor Function
For assisted hearing, i.e. to monitor announcements
Fixed (OTP prog.) ambient sound amplification to compensate
headphone passive attenuation
Incremental Functions
ANC with or without music on the receiving path
Music Playback mode for lowest power consumption
OTP ROM for automatic trimming during production (4 times
programmable)
Performance Parameter
7mA @ 1.5V stereo ANC; <1 A quiescent
Extended PSRR for 217Hz
Increased TDMA noise immunity
Interfaces
2-wire serial control mode & volume inputs
Calibration via Line-In or 2-wire serial interface
Fixed 1.0-1.8V supply with internal CP
Package
AS3421 QFN24 [4x4mm] 0.5mm pitch
AS3422 QFN32 [5x5mm] 0.5mm pitch
3 Applications
The devices are ideal for wireless devices like stereo Bluetooth
headsets as well as stereo wireless headsets.


Similar Part No. - AS3421

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3400 AMSCO-AS3400 Datasheet
198Kb / 3P
Low Power Ambient Noise-Cancelling Speaker Driver
AS3400 AMSCO-AS3400 Datasheet
1Mb / 51P
Low Power Ambient Noise-Cancelling Speaker Driver
AS3400 AMSCO-AS3400 Datasheet
1Mb / 51P
Low Power Ambient Noise-Cancelling Speaker Driver
AS3410 AMSCO-AS3410 Datasheet
198Kb / 3P
Low Power Ambient Noise-Cancelling Speaker Driver
AS3410 AMSCO-AS3410 Datasheet
1Mb / 51P
Low Power Ambient Noise-Cancelling Speaker Driver
More results

Similar Description - AS3421

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3400 AMSCO-AS3400 Datasheet
198Kb / 3P
Low Power Ambient Noise-Cancelling Speaker Driver
AS3661 AMSCO-AS3661 Datasheet
3Mb / 87P
Programmable 9-channel LED Dr iver
AS1108 AMSCO-AS1108_12 Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
AS1123 AMSCO-AS1123 Datasheet
2Mb / 25P
Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
AS3410-EQFP-500 AMSCO-AS3410-EQFP-500 Datasheet
1Mb / 51P
Low Power Ambient Noise-Cancelling Speaker Driver
AS3430-EK-ST AMSCO-AS3430-EK-ST Datasheet
1Mb / 51P
Low Power Ambient Noise-Cancelling Speaker Driver
logo
TEXAS ADVANCED OPTOELEC...
AS1100 TAOS-AS1100 Datasheet
1Mb / 17P
Serially Inter faced, 8-Digi t LED Dr iver
AS1108 TAOS-AS1108 Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
logo
Inventronics Inc.
EUM-320SXXXLX INVENTRONICS-EUM-320SXXXLX Datasheet
2Mb / 19P
320W NFC Dr iver with INV Digital Dimming
Rev.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com