Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 3Page - Maxim Integrated Products CDH2D09 Datasheet HTML 4Page - Maxim Integrated Products CDH2D09 Datasheet HTML 5Page - Maxim Integrated Products CDH2D09 Datasheet HTML 6Page - Maxim Integrated Products CDH2D09 Datasheet HTML 7Page - Maxim Integrated Products CDH2D09 Datasheet HTML 8Page - Maxim Integrated Products CDH2D09 Datasheet HTML 9Page - Maxim Integrated Products CDH2D09 Datasheet HTML 10Page - Maxim Integrated Products CDH2D09 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
_______________________________________________________________________________________
7
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Low-power USB charging from the USB
input, DC unconnected, RCISET = 3k
Ω,
PEN2 = low, USUS = low
87
92
100
Low-power USB charging from the DC
input, RCISET = 3k
Ω, PEN1 = low,
PEN2 = low, USUS = low
87
92
100
High-power USB charging from the USB
input, DC unconnected, RCISET = 3k
Ω,
PEN2 = high, USUS = low
450
472
500
High-power USB charging from the DC
input, RCISET = 3k
Ω, PEN2 = high,
USUS = low
450
472
500
AC-to-DC adapter charging from the DC
input, RDISET = 3k
Ω, RCISET = 15kΩ,
PEN1 = high
170
200
230
AC-to-DC adapter charging from the DC
input, RDISET = 3k
Ω, RCISET = 7.5kΩ,
PEN1 = high
375
400
425
BAT Fast-Charge Current Limit
AC-to-DC adapter charging from the DC
input, RDISET = 3k
Ω, RCISET = 3.74kΩ,
PEN1 = high
750
802
850
mA
BAT Prequalification Current
VBAT = 2.5V, RCISET = 3.74k
Ω
65
82
100
mA
Top-Off Threshold
TA = +25°C, RCISET = 3.74k
Ω (Note 6)
20
30
40
mA
No DC or USB power
connected
0+5
BAT Leakage Current
EN = low,
TA = +25°C
DC and/or USB power
connected, CEN = high
-5
1
+5
µA
Slew rate
450
mA/ms
Time from 0mA to 500mA
1.10
Time from 0mA to 100mA
0.22
Charger Soft-Start Time
tSS_CHG
Time from 100mA to 500mA
0.88
ms
Timer Accuracy
CCT = 0.15µF
-20
+20
%
Timer Suspend Threshold
CISET voltage when the fast-charge timer
suspends; 300mV translates to 20% of the
maximum fast-charge current limit
250
300
350
mV
Timer Extend Threshold
CISET voltage when the fast-charge timer
suspends; 750mV translates to 50% of the
maximum fast-charge current limit
700
750
800
mV
ELECTRICAL CHARACTERISTICS (continued)
(DC, USB, BVSET, UOK, DOK, LX_ unconnected; VTHM = VL/2, VPG_ = VAGND = 0V, VBAT = 4V, CEN = low, USUS = low, EN = high,
VPEN1 = VPEN2 = 3.3V, VPWM = 0V, COUT4 = 1µF, COUT5 = 1µF, CSYS = 10µF, PV1 = PV2 = PV3 = PV4 = PV5 = SYS, RDISET = 3kΩ,
RCISET = 3kΩ, CVL = 0.1µF, CCT = 0.15µF, CBP = 0.01µF, VFB1 = 1.1V, VFB2 = 1.1V, VFB3 = 1.1V, TA = -40°C to +85°C, unless other-
wise noted.) (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com