Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 36Page - Maxim Integrated Products CDH2D09 Datasheet HTML 37Page - Maxim Integrated Products CDH2D09 Datasheet HTML 38Page - Maxim Integrated Products CDH2D09 Datasheet HTML 39Page - Maxim Integrated Products CDH2D09 Datasheet HTML 40Page - Maxim Integrated Products CDH2D09 Datasheet HTML 41Page - Maxim Integrated Products CDH2D09 Datasheet HTML 42Page - Maxim Integrated Products CDH2D09 Datasheet HTML 43Page - Maxim Integrated Products CDH2D09 Datasheet HTML 44Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
40
______________________________________________________________________________________
Since the thermistor monitoring circuit employs an
external bias resistor from THM to VL (RTB in Figure
14), any resistance thermistor can be used as long as
the value of RTB is equivalent to the thermistor’s +25°C
resistance. For example, with a 10k
Ω at +25°C thermis-
tor, use 10k
Ω at RTB, and with a 100kΩ at +25°C ther-
mistor, use 100k
Ω at RTB. The general relation of
thermistor resistance to temperature is defined by the
following equation:
where:
RT = The resistance in ohms of the thermistor at tem-
perature T in Celsius
R25 = The resistance in ohms of the thermistor at
+25°C
β = The material constant of the thermistor that typically
ranges from 3000K to 5000K
T = The temperature of the thermistor in °C that corre-
sponds to RT
RR
e
T
T =×
+
−
⎛
⎝⎜
⎞
⎠⎟
⎧
⎨
⎩
⎫
⎬
⎭
25
1
273
1
298
β
THERMISTOR BETA (ß [K])
3000
3250
3500
3750
4250
4250
RTB (k
Ω)
101010101010
RTP (k
Ω)
Open
Open
Open
Open
Open
120
RTS (k
Ω)
Short
Short
Short
Short
Short
Short
Resistance at +25°C [k
Ω]
101010101010
Resistance at +50°C [k
Ω]
4.59
4.30
4.03
3.78
3.32
3.32
Resistance at 0°C [k
Ω]
25.14
27.15
29.32
31.66
36.91
36.91
Nominal Hot Trip
Temperature [°C]
55
53
51
49
46
45
Nominal Cold Trip
Temperature [°C]
-3
-1
0250
Table 8. Trip Temperatures for Different Thermistors
T
THM
AGND
ESD
DIODE
0.74 x VL
0.284 x VL
HOT
COLD
TEMPERATURE
SUSPEND
VL
CEN
RTB
BOTH COMPARATORS
HAVE 65mV HYSTERESIS
RTP
RTS
T
ALTERNATE THERMISTOR
CONFIGURATION
MAX8671X
Figure 14. Thermistor Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com