Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 9Page - Maxim Integrated Products CDH2D09 Datasheet HTML 10Page - Maxim Integrated Products CDH2D09 Datasheet HTML 11Page - Maxim Integrated Products CDH2D09 Datasheet HTML 12Page - Maxim Integrated Products CDH2D09 Datasheet HTML 13Page - Maxim Integrated Products CDH2D09 Datasheet HTML 14Page - Maxim Integrated Products CDH2D09 Datasheet HTML 15Page - Maxim Integrated Products CDH2D09 Datasheet HTML 16Page - Maxim Integrated Products CDH2D09 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
______________________________________________________________________________________
13
0
0.4
0.2
0.8
0.6
1.0
1.2
1.4
1.6
04
6
2
8
10
12
14
16
QUIESCENT CURRENT
vs. DC OR USB SUPPLY VOLTAGE
INPUT VOLTAGE (V)
CHARGER ENABLED
NO BATTERY INPUT
VOLTAGE AT DC OR
USB WITH THE
OTHER INPUT LEFT
UNCONNECTED
FALLING
RISING
0
0.4
0.2
0.8
0.6
1.0
1.2
1.4
1.6
04
6
2
8
10
12
14
16
QUIESCENT CURRENT
vs. DC OR USB SUPPLY VOLTAGE
INPUT VOLTAGE (V)
CHARGER ENABLED
NO BATTERY INPUT
VOLTAGE AT DC OR
USB WITH THE
OTHER INPUT LEFT
UNCONNECTED
FALLING
RISING
0
0.10
0.05
0.20
0.15
0.30
0.25
0.35
0.45
0.40
0.50
04
6
2
8
10
12
14
16
USB QUIESCENT CURRENT
vs. USB SUPPLY VOLTAGE, USB SUSPEND
USB VOLTAGE (V)
USB VOLTAGE RISING
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
0
1.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5
BATTERY LEAKAGE CURRENT
vs. BATTERY VOLTAGE WHEN
REGULATORS ARE POWERED FROM USB
BATTERY VOLTAGE (V)
VUSB = 5V
VDC = 0V
PEN1 = PEN2 = 1
EN = 1
0
0.2
0.1
0.5
0.4
0.3
0.7
0.6
0.8
0
1.5 2.0
0.5 1.0
2.5 3.0 3.5 4.0 4.5
BATTERY LEAKAGE CURRENT
vs. BATTERY VOLTAGE
BATTERY VOLTAGE (V)
NO EXTERNAL POWER
EN = LOW
CEN = HIGH
Typical Operating Characteristics
(Circuit of Figure 1, IVL = 0mA, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com