Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 18Page - Maxim Integrated Products CDH2D09 Datasheet HTML 19Page - Maxim Integrated Products CDH2D09 Datasheet HTML 20Page - Maxim Integrated Products CDH2D09 Datasheet HTML 21Page - Maxim Integrated Products CDH2D09 Datasheet HTML 22Page - Maxim Integrated Products CDH2D09 Datasheet HTML 23Page - Maxim Integrated Products CDH2D09 Datasheet HTML 24Page - Maxim Integrated Products CDH2D09 Datasheet HTML 25Page - Maxim Integrated Products CDH2D09 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
22
______________________________________________________________________________________
EP
DC
USB
BAT
+
Li+/Li-Poly
SYS
VL
3.3V
3mA
BAT
PV4
OUT4
OUT4
1.8V
180mA
OUT2
SYS
AC-TO-DC ADAPTER
VBUS
DOK
UOK
USUS
PEN1
CEN
EN
DISET
CISET
CT
CST1
CST2
PWM
FB2
PV2
PG2
LX2
OUT2
SYS
LX3
FB3
PV3
PG3
OUT3
SYS
LX1
FB1
PV1
2.8V
425mA
2.0V
425mA
1.2V
425mA
PG1
OUT1
SYS
10
μF
4.7
μF
0.1
μF
4.7
μF
4.7
μF
4.7
μF
4.7
μF
4.7
μH
0.6A
4.7
μH
0.6A
4.7
μH
0.6A
2x
10
μF
2x
10
μF
2x
10
μF
0.15
μF
3k
Ω
3k
Ω
4.7
μF
1.0
μF
2.2
μF
IO
4x
560k
Ω
5%
μP
PEN2
BP
0.01
μF
PV5
OUT5
OUT5
3.3V
180mA
SYS
1.0
μF
2.2
μF
10k
Ω
VL
39
37
12
38
182k
Ω
100k
Ω
100k
Ω
100k
Ω
20k
Ω
100k
Ω
BVSET
17
14
30
31
32
25
27
29
26
7
9
11
35
34
33
23
19
22
24
8
36
40
1
10
21
20
OFF
ON
60.4k
Ω
274k
Ω
4
5
6
2
3
28
18
15
16
13
MAX8671X
THM
AGND
FB5
FB4
10k
Ω
β = 3380K
T
VL
121k
Ω
60.4k
Ω
Figure 1. MAX8671X Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com