Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 14Page - Maxim Integrated Products CDH2D09 Datasheet HTML 15Page - Maxim Integrated Products CDH2D09 Datasheet HTML 16Page - Maxim Integrated Products CDH2D09 Datasheet HTML 17Page - Maxim Integrated Products CDH2D09 Datasheet HTML 18Page - Maxim Integrated Products CDH2D09 Datasheet HTML 19Page - Maxim Integrated Products CDH2D09 Datasheet HTML 20Page - Maxim Integrated Products CDH2D09 Datasheet HTML 21Page - Maxim Integrated Products CDH2D09 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
18
______________________________________________________________________________________
REG2 LOAD REGULATION
OUTPUT CURRENT (mA)
200
150
100
50
1.45
1.50
1.55
1.60
1.40
0
250
1.10
1.16
1.14
1.12
1.18
1.20
1.22
1.24
1.26
1.28
1.30
0
100
50
150
200
250
REG3 LOAD REGULATION
OUTPUT CURRENT (mA)
RFBH = 20k
Ω
RFBL = 100k
Ω
10
μs/div
OUT3 LIGHT-LOAD SWITCHING
WAVEFORMS (PWM = 0)
IL1
VOUT1
VLX1
MAX8671X toc35
200mA/div
20mV/div
2V/div
10mA LOAD
0
400ns/div
OUT3 HEAVY-LOAD SWITCHING
WAVEFORMS
IL1
VOUT1
VLX1
MAX8671X toc36
200mA/div
10mV/div
2V/div
250mA LOAD
0
40
μs/div
OUT3 LOAD TRANSIENT
IOUT1
VOUT1
MAX8671X toc37
100mA/div
100mV/div
250mA
25mA
25mA
PWM = 0
0
30
20
10
40
50
60
70
80
90
100
1
10
100
1000
REG3 EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
PWM = 0
VOUT2 = 1.2V
PWM = 1
VOUT2 = 1.2V
VBATT = 4.0V
Typical Operating Characteristics (continued)
(Circuit of Figure 1, IVL = 0mA, TA = +25°C, unless otherwise noted.)
0
30
20
10
40
50
60
70
80
90
100
1
10
100
1000
REG2 EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
PWM = 0
VOUT2 = 1.5V
PWM = 1
VOUT2 = 1.5V
VBATT = 4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com