Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 34Page - Maxim Integrated Products CDH2D09 Datasheet HTML 35Page - Maxim Integrated Products CDH2D09 Datasheet HTML 36Page - Maxim Integrated Products CDH2D09 Datasheet HTML 37Page - Maxim Integrated Products CDH2D09 Datasheet HTML 38Page - Maxim Integrated Products CDH2D09 Datasheet HTML 39Page - Maxim Integrated Products CDH2D09 Datasheet HTML 40Page - Maxim Integrated Products CDH2D09 Datasheet HTML 41Page - Maxim Integrated Products CDH2D09 Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
38
______________________________________________________________________________________
Active Discharge in Shutdown
Each MAX8671X regulator (REG1–REG5) has an inter-
nal 1k
Ω resistor that discharges the output capacitor
when the regulator is off. The discharge resistors
ensure that the load circuitry powers down completely.
The internal discharge resistors are connected when a
regulator is disabled and when the device is in UVLO
with an input voltage greater than 1.0V. With an input
voltage less than 1.0V, the internal discharge resistors
are not activated.
Undervoltage and Overvoltage Lockout
USB/DC UVLO
Undervoltage lockout (UVLO) prevents an input supply
from being used when its voltage is below the operat-
ing range. When the USB voltage is less than the USB
UVLO threshold (4.0V typ), the USB input is discon-
nected from SYS, and UOK goes high impedance.
When the DC voltage is less than the DC UVLO thresh-
old (4.0V typ), the DC input is disconnected from SYS,
and DOK goes high impedance. In addition, when both
USB and DC are in UVLO, the battery charger is dis-
abled, and BAT is connected to SYS through the inter-
nal system load switch. REG1–REG4 are allowed to
operate from the battery without power at USB or DC.
REG5 is intended to power the system USB transceiver
circuitry, which is only active when USB power is avail-
able. Therefore, a valid source must be present on
either the USB or DC input for REG5 to enable.
UNPLUG
EVENT
VUSB
3.5V
HIGH-Z
UNPLUGGING USB WITH NOTHING TO DISCHARGE CUSB (VBAT = 3.3V). V5 SET FOR 3.3V
IF VBAT
≥ 3.4V, VPV5 WILL REGULATE TO 3.3V
IF VBAT
≤ 3.4V, VPV5 WILL BE SLIGHTLY LESS
THAN VBAT (DROPOUT)
VUOK
V5
5V
tDDREG5 = 120
μs (typ)
RAPID DISCHARGE UNTIL VUSB DECAYS
TO THE HIGHER OF 3.5V OR VBAT + 5OmV
SLOW DISCHARGE AS THE MAX8671X
DRAWS USB QUIESCENT CURRENT
Figure 13. REG5 Disable Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com