Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 12Page - Maxim Integrated Products CDH2D09 Datasheet HTML 13Page - Maxim Integrated Products CDH2D09 Datasheet HTML 14Page - Maxim Integrated Products CDH2D09 Datasheet HTML 15Page - Maxim Integrated Products CDH2D09 Datasheet HTML 16Page - Maxim Integrated Products CDH2D09 Datasheet HTML 17Page - Maxim Integrated Products CDH2D09 Datasheet HTML 18Page - Maxim Integrated Products CDH2D09 Datasheet HTML 19Page - Maxim Integrated Products CDH2D09 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
16
______________________________________________________________________________________
4ms/div
POWER-UP SEQUENCING
VEN
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VVL
IUSB
50mA/div
5V/div
5V/div
5V/div
2V/div
5V/div
5V/div
5V/div
MAX8671X toc22
400
μs/div
AC-TO-DC ADAPTER CONNECT WITH USB
VSYS
IDC
500mA/div
500mA/div
5V/div
MAX8671X toc19
IUSB
IBAT
4.0V
500mA/div
4.14V
25
Ω LOAD ON SYS, PEN1 = PEN2 = HIGH 1A DC
LIMIT, RDISET = 3.01k
Ω
-330mA
-840mA
1A
400
μs/div
AC-TO-DC ADAPTER CONNECT
WITH NO USB
VSYS
IDC
500mA/div
2V/div
MAX8671X toc20
IBAT
4V
500mA/div
4.14V
25
Ω LOAD ON SYS, PEN1 = PEN2 = HIGH 1A DC
LIMIT
+160mA
1A
-840mA
20ms/div
AC-TO-DC ADAPTER DISCONNECT
WITH USB
VSYS
IDC
500mA/div
500mA/div
2V/div
MAX8671X toc21
IBAT
IUSB
4V
500mA/div
4.14V
25
Ω LOAD ON SYS, PEN1 = PEN2 = HIGH 1A DC LIMIT
-840mA
1A
+160mA
-330mA
Typical Operating Characteristics (continued)
(Circuit of Figure 1, IVL = 0mA, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com