Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 27Page - Maxim Integrated Products CDH2D09 Datasheet HTML 28Page - Maxim Integrated Products CDH2D09 Datasheet HTML 29Page - Maxim Integrated Products CDH2D09 Datasheet HTML 30Page - Maxim Integrated Products CDH2D09 Datasheet HTML 31Page - Maxim Integrated Products CDH2D09 Datasheet HTML 32Page - Maxim Integrated Products CDH2D09 Datasheet HTML 33Page - Maxim Integrated Products CDH2D09 Datasheet HTML 34Page - Maxim Integrated Products CDH2D09 Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
______________________________________________________________________________________
31
Charge Timer (CT)
As shown in Figure 7, a fault timer prevents the battery
from charging indefinitely. In prequalification and fast-
charge modes, the timer is controlled by the capaci-
tance at CT (CCT). The MAX8671X supports values of
CCT from 0.01µF to 1µF. Calculate the prequalification
and fast-charge times as follows (Table 4, Figure 8):
When the charger exits fast-charge mode, a fixed 15s
top-off mode is entered:
While in the constant-current fast-charge mode (Figure
6), if the MAX8671X reduces the battery charge current
due to its internal die temperature or large system
loads, it slows down the charge timer. This feature elim-
inates nuisance charge timer faults. When the battery
charge current is between 100% and 50% of its pro-
grammed fast-charge level, the fast-charge timer runs
at full speed. When the battery charge current is
between 50% and 20% of the programmed fast-charge
level, the fast-charge timer is slowed by 2x. Similarly,
when the battery charge current is below 20% of the
programmed fast-charge level, the fast-charge timer is
paused. The fast-charge timer is not slowed or paused
when the charger is in the constant voltage portion of
its fast-charge mode (Figure 6) where charge current
reduces normally.
Connect CT to AGND to disable the prequalification
and fast-charge timers. With the internal timers of the
MAX8671X disabled, an external device, such as a µP,
can control the charge time through the CEN input.
Setting the Charger Currents (CISET)
As shown in Table 5 and Figure 9, a resistor from
CISET to ground (RCISET) sets the maximum fast-
charge current (ICHGMAX), the charge current in pre-
qualification mode (IPQ), and the top-off threshold (ITO).
The MAX8671X supports values of ICHGMAX from
200mA to 1000mA. Select the RCISET as follows:
R
V
I
CISET
CHGMAX
=×
2000
15
.
ts
TO = 15
t
C
F
t
C
F
PQ
CT
FC
CT
=×
=×
33
015
660
015
min
.
min
.
μ
μ
CCT (nF)
tPQ (min)
tFC (min)
100% to 50%
tFC (min)
50% to 20%
68
15.0
299
598
100
22.0
440
880
150
33.0
660
1320
220
48.4
968
1936
470
103.4
2068
4136
Table 4. Charge Times vs. CCT
CST1
CST2
CHARGING
STATE
0
0
Yes
Prequalification or
fast charge
0
1
No
Thermistor suspend
1
0
No
Timer fault
11
No
No input power or
top-off or
done
Table 3. Charge Status Outputs
Note: CST1 and CST2 are active-low, open-drain outputs. “0”
indicates that the output device is pulling low. “1” indicates
that the output is high impedance.
CHARGE, PREQUALIFICATION,
AND TOP-OFF CURRENT
vs. CHARGE SETTING RESISTOR
RCISET (k
Ω)
5
10
10
100
1000
1
015
ICHGMAX
IPQ
ITO
Figure 8. Programming Charge Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com