Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 26Page - Maxim Integrated Products CDH2D09 Datasheet HTML 27Page - Maxim Integrated Products CDH2D09 Datasheet HTML 28Page - Maxim Integrated Products CDH2D09 Datasheet HTML 29Page - Maxim Integrated Products CDH2D09 Datasheet HTML 30Page - Maxim Integrated Products CDH2D09 Datasheet HTML 31Page - Maxim Integrated Products CDH2D09 Datasheet HTML 32Page - Maxim Integrated Products CDH2D09 Datasheet HTML 33Page - Maxim Integrated Products CDH2D09 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
30
______________________________________________________________________________________
Charge Status Outputs (CST1, CST2)
CST1 and CST2 are open-drain charger status outputs.
Their function is shown in Table 3 and Figure 7. When
the MAX8671X is used with a µP, pull CST1 and CST2
up to the system logic voltage with resistors to indicate
charge status to the µP. Alternatively, CST1 and CST2
sink up to 20mA each for LED charge indicators.
If the charge status output feature is not required, connect
CST1 and CST2 to ground or leave them unconnected.
CHARGER DISABLED
CST[1:2] = 11
UOK AND/OR DOK = 1
ICHG = 0mA
TIMER FAULT
CST [1:2] = 10
ICHG = 0mA
UOK AND/OR DOK = 1
TIMER EXTEND
CST [1:2] = 00
(ISET x 20%) < ICHG < (ICHGMAX x 50%)
THERMISTOR SUSPEND
ICHG = 0mA
CST[1:2] = 01
UOK AND/OR DOK = 1
THERMISTOR SUSPEND
ICHG = 0mA
CST[1:2] = 01
UOK AND/OR DOK = 1
THERMISTOR SUSPEND
ICHG = 0mA
CST[1:2] = 01
UOK AND/OR DOK = 1
ICHGMAX =
x
1.5V
RCISET
PREQUALIFICATION
CST[1:2] = 00
UOK AND/OR DOK = 1
ICHG = ICHGMAX/10
TOP-OFF
CST[1:2] = 11
UOK AND/OR DOK = 1
VBAT = VBATREG
DONE
CST[1:2] = 11
UOK AND/OR DOK = 1
(VBATREG + VBATRCHG) < VBAT
≤ VBATREG
ICHG = 0mA
FAST-CHARGE
CST[1:2] = 00
UOK AND/OR DOK = 1
NO INPUT POWER
CST [1:2] = 11
UOK = 0, DOK = 0
ICHG = 0mA
t > tPREQUAL
VBAT > 3.0V
IC SETS TIMER = 0
VBAT < 2.82V
IC SETS TIMER = 0
ICHG < ICHGMAX x 53%
OR VBAT = VBATREG
IC RESUMES TIMER
ICHG < ICHGMAX x 4%
AND VBAT = 4.2V
IC SETS TIMER = 0
ICHG > ICHGMAX x 7%
IC SETS TIMER = 0
CEN = 0
USUS = 0
IC SETS TIMER = 0
t > tFST-CHG
ICHG < ICHGMAX x 50%
AND VBAT < VBATREG
IC EXTENDS TIMER BY 2x
VBAT <
(VBATREG + VBATRCHG)
IC SETS TIMER = 0
t > 15s
THM OUT OF RANGE
THM WITHIN RANGE
THM WITHIN RANGE
IC RESUMES TIMER
THM OUT OF RANGE
IC SUSPENDS TIMER
CEN = 1
OR
USUS = 1
USB AND DC = INVALID
USB AND/OR DC = INVALID
2000
ANY STATE
TIMER SUSPEND
CST [1:2] = 00
ICHG < (ICHGMAX x 20%)
ICHG < ICHGMAX x 23%
AND VBAT = VBATREG
IC RESUMES TIMER
ICHG < ICHGMAX x 20%
AND VBAT < VBATREG
IC SUSPENDS TIMER
t > 15s
THM WITHIN RANGE
IC RESUMES TIMER
THM OUT OF RANGE
IC SUSPENDS TIMER
Figure 7. Charger State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com