Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 23Page - Maxim Integrated Products CDH2D09 Datasheet HTML 24Page - Maxim Integrated Products CDH2D09 Datasheet HTML 25Page - Maxim Integrated Products CDH2D09 Datasheet HTML 26Page - Maxim Integrated Products CDH2D09 Datasheet HTML 27Page - Maxim Integrated Products CDH2D09 Datasheet HTML 28Page - Maxim Integrated Products CDH2D09 Datasheet HTML 29Page - Maxim Integrated Products CDH2D09 Datasheet HTML 30Page - Maxim Integrated Products CDH2D09 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
______________________________________________________________________________________
27
To support common 500mA to 1000mA wall adapters
at the DC input, pull PEN1 high. With PEN1 pulled high,
the DC current limit is set by an external resistor from
DISET to AGND (RDISET). Choose RDISET based on the
current capability of the AC-to-DC adapter (IADPTR) as
follows:
For the selected value of RDISET, calculate the DC cur-
rent limit (IDCLIM) as follows (Table 2, Figure 4):
To support USB power sources at the DC input, pull
PEN1 low. With PEN1 low, drive PEN2 and USUS to
select between three internally set USB-related current
limits as shown in Table 1. Choose 100mA for low-
power USB mode. Choose 500mA for high-power USB
mode. Choose suspend to reduce the DC current to
0.11mA (typ) for both USB suspend mode and uncon-
figured OTG mode. To comply with the USB 2.0 specifi-
cation, each device must be initially configured for low
power. After USB enumeration, the device can switch
from low power to high power if given permission from
the USB host. When the load exceeds the current limit,
SYS drops below BAT by VBSREG and the battery sup-
plies supplemental load current.
If the DC power input is not required, connect DC to
ground or leave it unconnected.
The MAX8671X reduces the USB and DC current limits
by 5%/°C when the die temperature exceeds +100°C.
The system load (ISYS) has priority over the charger cur-
rent, so input current is first reduced by lowering charge
current. If the junction temperature still reaches +120°C
in spite of charge-current reduction, no input current is
drawn from USB and DC; the battery supplies the entire
load and SYS is regulated below BAT by VBSREG. Note
that this on-chip thermal-limiting circuit is not related to
and operates independently from the thermistor input.
DC Power-OK Output (
DOK)
As shown in Figure 5, the DC power-OK output (DOK)
is an open-drain, active-low output. The DOK output
pulls low when the voltage from DC to AGND (VDC) is
between VDCH (typically 6.9V) and VDCL (typically
4.0V).
The DC power-OK circuitry remains active in thermal
overload and DC suspend. If the DC power-OK output
feature is not required, connect DOK to ground or leave
disconnected.
I
V
R
DCLIM
DISET
=×
2000
15
.
R
V
I
DISET
ADPTR
≥×
2000
15
.
500
700
600
800
900
1000
3.0
4.0
4.5
3.5
5.0
5.5
6.0
RDISET (k
Ω)
DC INPUT CURRENT LIMIT vs.
DC INPUT CURRENT-LIMIT RESISTOR
PEN1 = HIGH
Figure 4. Programming DC Current Limit
RDISET (k
Ω)IDCLIM (mA)
RDISET (k
Ω)IDCLIM (mA)
3.01
997
4.32
694
3.09
971
4.42
679
3.16
949
4.53
662
3.24
926
4.64
647
3.32
904
4.75
632
3.40
882
4.87
616
3.48
862
4.99
601
3.57
840
5.11
587
3.65
822
5.23
574
3.74
802
5.36
560
3.83
783
5.49
546
3.92
765
5.62
534
4.02
746
5.76
521
4.12
728
5.90
508
4.22
711
6.04
497
Table 2. DC Current Limit for Standard
Values of RDISET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com