Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 16Page - Maxim Integrated Products CDH2D09 Datasheet HTML 17Page - Maxim Integrated Products CDH2D09 Datasheet HTML 18Page - Maxim Integrated Products CDH2D09 Datasheet HTML 19Page - Maxim Integrated Products CDH2D09 Datasheet HTML 20Page - Maxim Integrated Products CDH2D09 Datasheet HTML 21Page - Maxim Integrated Products CDH2D09 Datasheet HTML 22Page - Maxim Integrated Products CDH2D09 Datasheet HTML 23Page - Maxim Integrated Products CDH2D09 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
20
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
USUS
USB Suspend Digital Input. As shown in Table 1, driving USUS high suspends the DC or USB inputs
if they are configured as a USB power input.
2DC
DC Power Input. DC is capable of delivering 1A to SYS. DC supports both AC adaptors and USB
inputs. As shown in Table 1, the DC current limit is controlled by PEN1, PEN2, USUS, and RDISET.
3
USB
USB Power Input. USB is capable of delivering 0.5A to SYS. As shown in Table 1, the USB current
limit is controlled by PEN1, PEN2, and USUS.
4
FB5
Feedback Input for REG5. Connect FB5 to the center of a resistor voltage-divider from OUT5 to
AGND to set the REG5 output voltage from 0.6V to VPV5.
5
PV5
Power Input for REG5. Connect PV5 to SYS, or a supply between 1.7V and VSYS. Bypass PV5 to
power ground with a 1µF ceramic capacitor.
6
OUT5
Linear Regulator Power Output. OUT5 is internally pulled to AGND by 1k
Ω in shutdown.
7
PG2
Power Ground for the REG2 Step-Down Regulator
8
LX2
Inductor Switching Node for REG2. LX2 is internally pulled to PG2 by 1k
Ω in shutdown.
9
PV2
Power Input for the REG2 Step-Down Regulator. Connect PV2 to SYS. Bypass PV2 to PG2 with a
4.7µF ceramic capacitor.
10
CEN
Active-Low Charger Enable Input. Pull CEN low to enable the charger, or drive CEN high to disable
charging. The battery charger is also disabled when USUS is high.
11
FB2
Feedback Input for REG2. Connect FB2 to the center of a resistor voltage-divider from the REG2
output capacitors to AGND to set the output voltage from 1V to VSYS.
12
DOK
Active-Low, Open-Drain DC Power-OK Output. DOK is low when VDC is within its valid operating
range.
13
FB4
Feedback Input for REG4. Connect FB4 to the center of a resistor voltage-divider from the REG4
output capacitors to AGND to set the output voltage from 0.6V to VPV4.
14
BP
Reference Noise Bypass. Bypass BP with a low-leakage 0.01µF ceramic capacitor for reduced noise
on the LDO outputs.
15
OUT4
Linear Regulator Power Output. OUT4 is internally pulled to AGND in shutdown.
16
PV4
Power Input for REG4. Connect PV4 to SYS, or a supply between 1.7V and VSYS. Bypass PV4 to
power ground with a 1µF ceramic capacitor.
17
BVSET
Battery Regulation Voltage Set Node. Drive BVSET low to set the regulation voltage to 4.1V. Connect
BVSET to VL or leave unconnected to set the regulation voltage to 4.2V. Connect BVSET to AGND
through a 50k
Ω resistor to set the regulation voltage to 4.350V.
18
AGND
Ground. AGND is the low-noise ground connection for the internal circuitry.
19
FB1
Feedback Input for REG1. Connect FB1 to the center of a resistor voltage-divider from the REG1
output capacitors to AGND to set the output voltage from 1V to VSYS.
20
EN
Regulator Enable Input. Drive EN high to enable all regulator outputs. The sequencing is shown in
Figure 11. Drive EN low to disable the regulators.
21
PWM
Forced-PWM Input. Connect PWM high for forced-PWM operation on REG1, REG2, and REG3.
Connect PWM low for auto PWM operation. Do not change PWM on-the-fly. See the PWM section
for more information.
22
PV1
Power Input for the REG1 Step-Down Regulator. Connect PV1 to SYS. Bypass PV1 to PG1 with a
4.7µF ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com