Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 4 Page - Maxim Integrated Products

  CDH2D09 Datasheet HTML 1Page - Maxim Integrated Products CDH2D09 Datasheet HTML 2Page - Maxim Integrated Products CDH2D09 Datasheet HTML 3Page - Maxim Integrated Products CDH2D09 Datasheet HTML 4Page - Maxim Integrated Products CDH2D09 Datasheet HTML 5Page - Maxim Integrated Products CDH2D09 Datasheet HTML 6Page - Maxim Integrated Products CDH2D09 Datasheet HTML 7Page - Maxim Integrated Products CDH2D09 Datasheet HTML 8Page - Maxim Integrated Products CDH2D09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
4
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(DC, USB, BVSET, UOK, DOK, LX_ unconnected; VTHM = VL/2, VPG_ = VAGND = 0V, VBAT = 4V, CEN = low, USUS = low, EN = high,
VPEN1 = VPEN2 = 3.3V, VPWM = 0V, COUT4 = 1µF, COUT5 = 1µF, CSYS = 10µF, PV1 = PV2 = PV3 = PV4 = PV5 = SYS, RDISET = 3kΩ,
RCISET = 3kΩ, CVL = 0.1µF, CCT = 0.15µF, CBP = 0.01µF, VFB1 = 1.1V, VFB2 = 1.1V, VFB3 = 1.1V, TA = -40°C to +85°C, unless other-
wise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
USB, DC, PEN1 to AGND.......................................-0.3V to +16V
SYS, BAT, PV1, PV2, PV3 to AGND..........................-0.3V to +6V
PG1, PG2, PG3, AGND .........................................-0.3V to +0.3V
PV1, PV2, PV3 to SYS............................................-0.3V to +0.3V
VL to AGND ...........................................................-0.3V to +4.0V
CISET, DISET, BVSET, CT, THM to AGND..-0.3V to (VVL + 0.3V)
PV4, PV5, BP, FB1, FB2, FB3 to AGND ....-0.3V to (VSYS + 0.3V)
PEN2, USUS, CEN, EN, PWM to AGND ..................-0.3V to +6V
CST1, CST2, DOK, UOK to AGND ...........................-0.3V to +6V
OUT4, FB4 to AGND .................................-0.3V to (VPV4 + 0.3V)
OUT5, FB5 to AGND .................................-0.3V to (VPV5 + 0.3V)
LX1, LX2, LX3 Continuous RMS Current (Note 1).................1.5A
BAT Continuous Current .......................................................1.5A
SYS Continuous Current .......................................................1.5A
Continuous Power Dissipation (TA = +70°C)
40-Pin, 5mm x 5mm, Thin QFN (derate 35.7mW/°C
above +70°C)..............................................................2857mW
Operating Junction Temperature.....................................+150°C
Storage Junction Temperature Range ..............-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC POWER INPUT (VDC = 5.0V, EN = low)
Operating voltage
4.1
6.6
DC Voltage Range
VDC
Withstand voltage
0
14
V
SYS Regulation Voltage
VSYS_REG
VDC = 6V, USUS = low, CEN = high, system
current is less than the input current limit
5.2
5.3
5.4
V
DC Undervoltage Threshold
VDCL
VDC rising, 500mV typical hysteresis
3.95
4.00
4.05
V
DC Overvoltage Threshold
VDCH
VDC rising, 400mV typical hysteresis
6.8
6.9
7.0
V
PEN1 = low,
PEN2 = low,
USUS = low
90
95
100
PEN1 = low,
PEN2 = high,
USUS = low
450
475
500
DC Current Limit
IDCLIM
VDC = 6V, VSYS = 5V
USB unconnected,
CEN = low,
TA = +25°C,
VL = no load
(Note 3)
PEN1 = high,
RDISET = 3k
Ω
950
1000
1050
mA
RDISET Resistance Range
36
k
Ω
PEN1 = low, USUS = high
0.11
USUS = low, CEN = low;
ISYS = 0mA, IBAT = 0mA, EN = low;
VL no load
1.1
DC Quiescent Current
IDCIQ
USUS = low, CEN = high;
ISYS = 0mA, VEN = 0V, VL no load
0.7
mA
Minimum DC-to-BAT Voltage
Headroom
VDC falling, 200mV hysteresis
0
15
30
mV
Minimum DC-to-SYS Voltage
Headroom
VDC falling, 200mV hysteresis
0
15
30
mV
DC-to-SYS Dropout Resistance
RDS
VDC = 5V, ISYS = 400mA, USUS = low
0.325
0.600
Ω
Note 1: LX_ has internal clamp diodes to PG_ and PV_. Applications that forward bias these diodes must take care not to exceed
the package power dissipation limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com